Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2764 Datasheet (PDF) - SYC Electronica

Part # 2764
Description  64K (8K x 8) UV EPROM and OTP ROM
File Size   132.86 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

2764 Datasheet (PDF) - SYC Electronica



Similar Part No. - 2764

ManufacturerPart #DatasheetDescription
logo
Heyco.
2764 HEYCO-2764 Datasheet
105Kb / 1P
Dome Plugs
logo
VBsemi Electronics Co.,...
2764-A VBSEMI-2764-A Datasheet
1Mb / 10P
N-Channel 650V (D-S) Power MOSFET
logo
PHOENIX CONTACT
2764043 PHOENIX-2764043 Datasheet
166Kb / 5P
Lower housing part, with snap-on foot
2764056 PHOENIX-2764056 Datasheet
140Kb / 8P
Housing base, with snap foot and test opening with side cover
2764072 PHOENIX-2764072 Datasheet
164Kb / 5P
Housing cover,for connection on both sides
More results


Similar Description - 2764

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M2764A STMICROELECTRONICS-M2764A Datasheet
109Kb / 10P
NMOS 64K (8K x 8) UV EPROM
Mar-1995
M27C801 STMICROELECTRONICS-M27C801 Datasheet
153Kb / 16P
8 Mbit 1Mb x 8 UV EPROM and OTP EPROM
Sep-2000
logo
Microchip Technology
27C64 MICROCHIP-27C64 Datasheet
126Kb / 10P
64K (8K x 8) CMOS EPROM
2004
logo
STMicroelectronics
2764A STMICROELECTRONICS-2764A Datasheet
99Kb / 11P
64K (8K x 8) UV EPROM and OTP ROM
Mar-1995
M27C512-12C1 STMICROELECTRONICS-M27C512-12C1 Datasheet
403Kb / 22P
512 Kbit (64K x8) UV EPROM and OTP EPROM
08-Nov-2004
logo
Hitachi Semiconductor
HN27512 HITACHI-HN27512 Datasheet
302Kb / 7P
512K (64K X 8 BIT ) UV AND OTP EPROM
logo
STMicroelectronics
M27C512 STMICROELECTRONICS-M27C512_07 Datasheet
278Kb / 22P
512 Kbit (64K x8) UV EPROM and OTP EPROM
18-May-2007
M27C801 STMICROELECTRONICS-M27C801_07 Datasheet
207Kb / 24P
8 Mbit (1Mb x 8) UV EPROM and OTP EPROM
24-Sep-2007
logo
ATMEL Corporation
AT27C512R ATMEL-AT27C512R_07 Datasheet
406Kb / 15P
512K (64K x 8) OTP EPROM
logo
STMicroelectronics
M27C801-100N1 STMICROELECTRONICS-M27C801-100N1 Datasheet
212Kb / 24P
8 Mbit (1Mb x 8) UV EPROM and OTP EPROM
24-Sep-2007
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com