Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FAU10 Datasheet (PDF) - AG Electronica

Part # FAU10
Description  FUSIBLE TIPO CLAVIJA 10A/32V
File Size   202.43 Kbytes
Html View  1 
Manufacturer  AGELECTRONICA [AG Electronica]
Direct Link  https://www.agelectronica.com/
Logo AGELECTRONICA - AG Electronica

FAU10 Datasheet (PDF) - AG Electronica



Similar Part No. - FAU10

ManufacturerPart #DatasheetDescription
logo
AG Electronica
FAU10-MINI AGELECTRONICA-FAU10-MINI Datasheet
196Kb / 1P
FUSIBLE TIPO CLAVIJA 10A/32V
24/04/2024
More results


Similar Description - FAU10

ManufacturerPart #DatasheetDescription
logo
Rohm
2SB1197K ROHM-2SB1197K Datasheet
93Kb / 3P
Low Frequency Transistor(-32V, -0.8A)
2SD1664 ROHM-2SD1664 Datasheet
118Kb / 3P
Medium Power Transistor (32V, 1A)
logo
Littelfuse
0298040 LITTELFUSE-0298040 Datasheet
223Kb / 2P
MEGA Fuse Rated 32V
logo
Linear Technology
LTC3611 LINER-LTC3611 Datasheet
403Kb / 24P
10A, 32V Monolithic Synchronous Step-Down DC/DC Converter
LTC3611 LINER-LTC3611_15 Datasheet
421Kb / 26P
10A, 32V Monolithic Synchronous Step-Down DC/DC Converter
logo
TiMOTION Technology Co....
TC15 TIMOTION-TC15 Datasheet
214Kb / 3P
Max. output 32V DC, 10A
20230317-J
TC15P TIMOTION-TC15P Datasheet
197Kb / 3P
Max. output 32V DC, 10A
20220613-G
TC16 TIMOTION-TC16 Datasheet
243Kb / 3P
Max. output 32V DC, 10A
20211105-F
TC16P TIMOTION-TC16P Datasheet
191Kb / 3P
Max. output 32V DC, 10A
20230316-D
TC18P TIMOTION-TC18P Datasheet
193Kb / 3P
Max. output 32V DC, 10A
20200706-B
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com