Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2238 Datasheet (PDF) - Micrel Semiconductor

Part # MIC2238
Description  Dual Synchronous 800mA/800mA Step-Down DC/DC Regulator
File Size   786.46 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2238 Datasheet (PDF) - Micrel Semiconductor



Similar Part No. - MIC2238

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2238-521YML MICREL-MIC2238-521YML Datasheet
1Mb / 16P
2.5MHz Dual Phase PWM Buck Regulator
MIC2238-521YML MICREL-MIC2238-521YML Datasheet
1Mb / 16P
2.5MHz Dual Phase PWM Buck Regulator
MIC2238-AAYML MICREL-MIC2238-AAYML Datasheet
1Mb / 16P
2.5MHz Dual Phase PWM Buck Regulator
MIC2238-AAYML MICREL-MIC2238-AAYML Datasheet
1Mb / 16P
2.5MHz Dual Phase PWM Buck Regulator
MIC2238-AAYMLTR MICREL-MIC2238-AAYMLTR Datasheet
1Mb / 16P
2.5MHz Dual Phase PWM Buck Regulator
More results


Similar Description - MIC2238

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3407-2 LINER-LTC3407-2 Datasheet
219Kb / 16P
Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3407-4 LINER-LTC3407-4 Datasheet
244Kb / 16P
Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3407A-2 LINER-LTC3407A-2 Datasheet
270Kb / 16P
Dual Synchronous 800mA,2.25MHz Step-Down DC/DC Regulator
LTC3548 LINER-LTC3548 Datasheet
275Kb / 16P
Dual Synchronous, 400mA/800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3548A LINER-LTC3548A Datasheet
250Kb / 20P
Dual Synchronous 400mA/800mA, 2.25MHz Step-Down DC/DC Regulator
logo
Micrel Semiconductor
MIC2230 MICREL-MIC2230_10 Datasheet
1Mb / 18P
Dual Synchronous 800mA/800mA Step-Down DC/DC Regulator
logo
Linear Technology
LTC3407-2 LINER-LTC3407-2_15 Datasheet
264Kb / 16P
Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3407-4 LINER-LTC3407-4_15 Datasheet
273Kb / 14P
Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3407A-2 LINER-LTC3407A-2_15 Datasheet
280Kb / 16P
Dual Synchronous 800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3417 LINER-LTC3417_15 Datasheet
381Kb / 20P
Dual Synchronous 1.4A/800mA 4MHz Step-Down DC/DC Regulator
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com