Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAMC200 Datasheet (PDF) - TEWS Technologies GmbH

Part # TAMC200
Description  AMC Carrier for 3 IndustryPacks®
File Size   351.69 Kbytes
Html View  1   2 
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH

TAMC200 Datasheet (PDF) - TEWS Technologies GmbH



Similar Part No. - TAMC200

ManufacturerPart #DatasheetDescription
logo
TEWS Technologies GmbH
TAMC220 TEWS-TAMC220 Datasheet
171Kb / 2P
3 Slot IndustryPack® Carrier for MTCA.4 Rear-I/O
2017-08-17
TAMC220-10R TEWS-TAMC220-10R Datasheet
171Kb / 2P
3 Slot IndustryPack® Carrier for MTCA.4 Rear-I/O
2017-08-17
TAMC220-11R TEWS-TAMC220-11R Datasheet
171Kb / 2P
3 Slot IndustryPack® Carrier for MTCA.4 Rear-I/O
2017-08-17
TAMC220-DOC TEWS-TAMC220-DOC Datasheet
171Kb / 2P
3 Slot IndustryPack® Carrier for MTCA.4 Rear-I/O
2017-08-17
TAMC260 TEWS-TAMC260 Datasheet
228Kb / 2P
PMC-Carrier for AMC
2017-09-20
More results


Similar Description - TAMC200

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ATCA-3420 ETC2-ATCA-3420 Datasheet
572Kb / 2P
Dual AMC bays
CB-96-G1 ETC2-CB-96-G1 Datasheet
752Kb / 5P
Carrier Board for
logo
Weidmuller
2434340000 WEIDMULLER-2434340000 Datasheet
154Kb / 4P
A-series AMC 2.5
July 27, 2018
logo
Molex Electronics Ltd.
0621005700 MOLEX-0621005700 Datasheet
26Kb / 1P
AMC B Removal Tool
05/10/2021
logo
Amphenol RF.
112748 RF-112748 Datasheet
59Kb / 1P
BNC PLUG FOR 1.13MM AMC CABLE
07/03/09
112751 RF-112751 Datasheet
59Kb / 1P
BNC PLUG FOR 1.32MM AMC CABLE
07/03/09
112754 RF-112754 Datasheet
212Kb / 1P
BNC PLUG FOR 1.37MM AMC CABLE
01/07/10
logo
Advantech Co., Ltd.
MIC-3810 ADVANTECH-MIC-3810 Datasheet
518Kb / 1P
3U CompactPCI® Serial PCIe Carrier Board
13-Dec-2021
MIC-3820 ADVANTECH-MIC-3820 Datasheet
349Kb / 1P
3U CompactPCI® Serial SATA Carrier Board
15-Jul-2022
logo
Renesas Technology Corp
831752 RENESAS-831752 Datasheet
680Kb / 19P
Clock Switch for ATCA/AMC and PCIe Applications
June 28, 2016
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com