Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD150 Datasheet (PDF) - Sensata Technologies, Inc.

Part # CD150
Description  ANALOG OUTPUT DRAW-WIRE – MEASUREMENT RANGE 0 UP TO 6000 MM
File Size   245.62 Kbytes
Html View  1   2   3 
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

CD150 Datasheet (PDF) - Sensata Technologies, Inc.



Similar Part No. - CD150

ManufacturerPart #DatasheetDescription
logo
Sensata Technologies, I...
CD150 SENSATA-CD150 Datasheet
398Kb / 3P
CD150 POTENTIOMETRIC OUTPUT – MEASUREMENT RANGE 0 UP TO 6000 MM
CD150-MEC SENSATA-CD150-MEC Datasheet
241Kb / 3P
MECHANICAL DRAW-WIRE - MEASUREMENT RANGE 0 UP TO 6000 MM
More results


Similar Description - CD150

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
UFE EMERSON-NETWORKPOWER-UFE_11 Datasheet
903Kb / 6P
UFE / UFR Series Up to 6000 Watts
logo
Artesyn Technologies
UFE1300-96S24C1J ARTESYN-UFE1300-96S24C1J Datasheet
903Kb / 6P
UFE / UFR Series Up to 6000 Watts
logo
WAGO Kontakttechnik Gmb...
753-550 WAGO-753-550 Datasheet
539Kb / 12P
2-channel analog output; 0 ... 10 VDC
750-550 WAGO-750-550 Datasheet
405Kb / 12P
2-channel analog output; 0 ... 10 VDC
750-552 WAGO-750-552 Datasheet
525Kb / 12P
2-channel analog output; 0 ??20 mA
753-553 WAGO-753-553 Datasheet
609Kb / 12P
4-channel analog output; 0 ??20 mA
753-552 WAGO-753-552 Datasheet
570Kb / 12P
2-channel analog output; 0 ??20 mA
logo
Maxim Integrated Produc...
MAX16946EVKIT MAXIM-MAX16946EVKIT Datasheet
567Kb / 8P
Analog Current-Measurement Output
Rev 0; 3/11
logo
Omron Electronics LLC
ES1C OMRON-ES1C Datasheet
852Kb / 8P
Achieve Superior Environmental Resistance and a Wide Measurement Range of 0 to 400°C.
logo
Veris. All Rights Reser...
H932 VERIS-H932 Datasheet
484Kb / 2P
Current Transducers with Relay:0 to 5 Vdc Analog Output
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com