Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPLLG94-P Datasheet (PDF) - OSRAM GmbH

Part # SPLLG94-P
Description  Conductively cooled SIRILAS짰 Laser Diode Array 15 W cw at 940nm
File Size   161.32 Kbytes
Html View  1   2   3   4   5   6 
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SPLLG94-P Datasheet (PDF) - OSRAM GmbH



Similar Part No. - SPLLG94-P

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SPLLG91-P OSRAM-SPLLG91-P Datasheet
181Kb / 6P
Conductively cooled SIRILAS짰 Laser Diode Array 15 W cw at 915nm
SPLLG98-P OSRAM-SPLLG98-P Datasheet
162Kb / 6P
Conductively cooled SIRILAS짰 Laser Diode Array 15 W cw at 975nm
More results


Similar Description - SPLLG94-P

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SPLLG91-P OSRAM-SPLLG91-P Datasheet
181Kb / 6P
Conductively cooled SIRILAS짰 Laser Diode Array 15 W cw at 915nm
SPLLG98-P OSRAM-SPLLG98-P Datasheet
162Kb / 6P
Conductively cooled SIRILAS짰 Laser Diode Array 15 W cw at 975nm
SPLLG81 OSRAM-SPLLG81 Datasheet
266Kb / 8P
SIRILAS짰 Laserdiodenarray 30 W cw bei 808nm SIRILAS짰 Laser Diode Array 30 W cw at 808nm Lead (Pb) Free Product - RoHS Compliant
SPLLG81-P OSRAM-SPLLG81-P Datasheet
240Kb / 6P
Passiv gekuhlter SIRILAS Diodenlaser 15 W cw bei 808nm Conductively cooled SIRILAS짰 Laser Diode Array 15 W cw at 808nm
SPLE10N81G2 OSRAM-SPLE10N81G2 Datasheet
229Kb / 7P
Actively Cooled Diode Laser Bar, 600 W cw at 808 nm
SPLE10N94G2 OSRAM-SPLE10N94G2 Datasheet
229Kb / 7P
Actively Cooled Diode Laser Bar, 600 W cw at 940 nm
SPLMN98X2 OSRAM-SPLMN98X2 Datasheet
205Kb / 7P
Passively Cooled Diode Laser Bar, 40 W cw at 808 nm
SPLMY81G2 OSRAM-SPLMY81G2 Datasheet
206Kb / 7P
Passively Cooled Diode Laser Bar, 45 W cw at 808 nm
SPLMY81X2 OSRAM-SPLMY81X2 Datasheet
205Kb / 7P
Passively Cooled Diode Laser Bar, 35 W cw at 808 nm
SPLMN81G2 OSRAM-SPLMN81G2 Datasheet
205Kb / 7P
Passively Cooled Diode Laser Bar, 50 W cw at 808 nm
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com