Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPLLG81 Datasheet (PDF) - OSRAM GmbH

SPLLG81 Datasheet PDF - OSRAM GmbH
Part # SPLLG81
Download  SPLLG81 Download
File Size   266.17 Kbytes
Page   8 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description SIRILAS짰 Laserdiodenarray 30 W cw bei 808nm SIRILAS짰 Laser Diode Array 30 W cw at 808nm Lead (Pb) Free Product - RoHS Compliant

SPLLG81 Datasheet (PDF)

Go To PDF Page Download Datasheet
SPLLG81 Datasheet PDF - OSRAM GmbH

Part # SPLLG81
Download  SPLLG81 Click to download

File Size   266.17 Kbytes
Page   8 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description SIRILAS짰 Laserdiodenarray 30 W cw bei 808nm SIRILAS짰 Laser Diode Array 30 W cw at 808nm Lead (Pb) Free Product - RoHS Compliant

SPLLG81 Datasheet (HTML) - OSRAM GmbH


SPLLG81 Product details

Features
• Efficient radiation source for cw and pulsed
   operation
• Reliable InGa(Al)As strained quantum-well
   material
• Mounting of laser bar on expansion matched
   submount
• Compact package protecting the laser bar
• Integrated micro-cooler for efficient liquid
   cooling
• Window with emitting area of 7.0 mm x 0.3 mm
• Reduced fast axis divergence by use of internal
   lens

Applications
• Pumping solid state lasers (rod, fiber and disk
   lasers)
• Direct material processing
• Medical applications
• Heating, Illumination
• Printing applications




Similar Part No. - SPLLG81

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SPLLG81-P OSRAM-SPLLG81-P Datasheet
240Kb / 6P
Passiv gekuhlter SIRILAS Diodenlaser 15 W cw bei 808nm Conductively cooled SIRILAS짰 Laser Diode Array 15 W cw at 808nm
More results


Similar Description - SPLLG81

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SPLCGXX SIEMENS-SPLCGXX Datasheet
91Kb / 5P
Laser Diode on Submount 1.0 W cw Class 4 Laser Product
logo
OSRAM GmbH
LGA676 OSRAM-LGA676 Datasheet
406Kb / 15P
Lead (Pb) Free Product - RoHS Compliant
SPLLG91-P OSRAM-SPLLG91-P Datasheet
181Kb / 6P
Conductively cooled SIRILAS짰 Laser Diode Array 15 W cw at 915nm
LGN971 OSRAM-LGN971 Datasheet
363Kb / 13P
Lead (Pb) Free Product - RoHS Compliant
LGP47K OSRAM-LGP47K Datasheet
452Kb / 16P
Lead (Pb) Free Product RoHS Compliant
SPLLG94-P OSRAM-SPLLG94-P Datasheet
161Kb / 6P
Conductively cooled SIRILAS짰 Laser Diode Array 15 W cw at 940nm
SPLLG98-P OSRAM-SPLLG98-P Datasheet
162Kb / 6P
Conductively cooled SIRILAS짰 Laser Diode Array 15 W cw at 975nm
SPLLG81-P OSRAM-SPLLG81-P Datasheet
240Kb / 6P
Passiv gekuhlter SIRILAS Diodenlaser 15 W cw bei 808nm Conductively cooled SIRILAS짰 Laser Diode Array 15 W cw at 808nm
LETH3A OSRAM-LETH3A Datasheet
460Kb / 16P
Lead (Pb) Free Product - RoHS Compliant
logo
Lumics GmbH
LU0808DXXX-U LUMICS-LU0808DXXX-U Datasheet
928Kb / 3P
LU0808Dyyy Diode Laser with up to 33 W at 808nm
2020-11-04
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com