Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPLLG81 Datasheet(PDF) 7 Page - OSRAM GmbH

Part # SPLLG81
Description  SIRILAS짰 Laserdiodenarray 30 W cw bei 808nm SIRILAS짰 Laser Diode Array 30 W cw at 808nm Lead (Pb) Free Product - RoHS Compliant
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SPLLG81 Datasheet(HTML) 7 Page - OSRAM GmbH

  SPLLG81 Datasheet HTML 1Page - OSRAM GmbH SPLLG81 Datasheet HTML 2Page - OSRAM GmbH SPLLG81 Datasheet HTML 3Page - OSRAM GmbH SPLLG81 Datasheet HTML 4Page - OSRAM GmbH SPLLG81 Datasheet HTML 5Page - OSRAM GmbH SPLLG81 Datasheet HTML 6Page - OSRAM GmbH SPLLG81 Datasheet HTML 7Page - OSRAM GmbH SPLLG81 Datasheet HTML 8Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
SPL LG81
2007-10-24
7
Maßzeichnung
Package Outlines
Maße in mm (inch) / Dimensions in mm (inch).
Allgemeine Toleranz: +/- 0.15 mm (0.006 inch) / General Tolerance: +/- 0.15 mm (0.006 inch)
Notes:
Der optische Strahlaustritt liegt 1.5 mm über der Unterseite der Gehäusegrundplatte.
Exit height of optical output beam is 1.5 mm referring to bottom side of package base plate.
Gehäusegrundplatte ist auf Anodenpotential.
Package base plate is on anode potential.
8.5 (0.335)
2.54 (0.100)
1.05 (0.041)
2.54 (0.100)
10 (0.394)
0.75 (0.030)
7.7 (0.303)
GTOY6607
2.4 (0.094)
Port
Output
Optical
0.5 (0.020)
4.45 (0.175)
+0.10 (0.003)
-0.25 (0.009)
5.3 (0.209)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com