Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPLLG81 Datasheet(PDF) 5 Page - OSRAM GmbH

Part # SPLLG81
Description  SIRILAS짰 Laserdiodenarray 30 W cw bei 808nm SIRILAS짰 Laser Diode Array 30 W cw at 808nm Lead (Pb) Free Product - RoHS Compliant
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SPLLG81 Datasheet(HTML) 5 Page - OSRAM GmbH

  SPLLG81 Datasheet HTML 1Page - OSRAM GmbH SPLLG81 Datasheet HTML 2Page - OSRAM GmbH SPLLG81 Datasheet HTML 3Page - OSRAM GmbH SPLLG81 Datasheet HTML 4Page - OSRAM GmbH SPLLG81 Datasheet HTML 5Page - OSRAM GmbH SPLLG81 Datasheet HTML 6Page - OSRAM GmbH SPLLG81 Datasheet HTML 7Page - OSRAM GmbH SPLLG81 Datasheet HTML 8Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
SPL LG81
2007-10-24
5
Ligth-current and voltage-current curves (cw,
20 °C, 0.6 l/min)
Pressure drop at device vs. coolant flow (30 W
cw, 20°C)
Optical spectrum, relative intensity
I
rel vs.
wavelength
λ (30 W cw, 20 ° C, 0.6 l/min)
Emission wavelength vs. coolant flow (30 W
cw, 20 °C)
OHW02503
V
A
V
0
I
0
0.5
1.0
1.5
2.0
10
20
30
40
40
W
30
20
10
0
OUT
P
Voltage
Output
Power
0
0
bar
OHW02500
Coolant Flow
l/min
0.2
0.4
0.6
1
0.1
0.2
0.3
0.4
0.5
0.6
0.7
800
0
nm
%
OHW02504
20
40
60
80
100
Irel
λ
805
810
815
0
807
nm
OHW02501
808
809
810
811
812
Coolant Flow
λ
l/min
0.2
0.4
0.6
1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com