Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SIXT0112T2A0 Datasheet (PDF) - Power Integrations, Inc.

Part # 2SIXT0112T2A0
Description  Plug-and-Play Gate Driver for 1200 V and 1700 V Half-Bridge Power Modules
File Size   1477.88 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

2SIXT0112T2A0 Datasheet (PDF) - Power Integrations, Inc.



Similar Part No. - 2SIXT0112T2A0

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
2SI0400T2A1C-33 POWERINT-2SI0400T2A1C-33 Datasheet
1Mb / 29P
Gate Driver for 1.2 kV to 3.3 kV Half-Bridge Power Modules Electrical I/O Interface
June 2019
2SI0400T2A3C-33 POWERINT-2SI0400T2A3C-33 Datasheet
1Mb / 11P
Isolated Master Control Gate Driver for Half-Bridge Power
February 2023
2SI0400T2XXC POWERINT-2SI0400T2XXC Datasheet
1Mb / 29P
Gate Driver for 1.2 kV to 3.3 kV Half-Bridge Power Modules Electrical I/O Interface
June 2019
2SIL1200T2A0 POWERINT-2SIL1200T2A0 Datasheet
1Mb / 10P
Isolated Master Control (IMC) for Half-Bridge Power Modules
October 2022
2SIL1200T2A0C-33 POWERINT-2SIL1200T2A0C-33 Datasheet
1Mb / 10P
Isolated Master Control (IMC) for Half-Bridge Power Modules Electrical Interface
October 2022
More results


Similar Description - 2SIXT0112T2A0

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPD7211F TOSHIBA-TPD7211F Datasheet
253Kb / 13P
Power MOSFET Gate Driver for half-bridge
TPD7211F TOSHIBA-TPD7211F_13 Datasheet
254Kb / 13P
Power MOSFET Gate Driver for half-bridge
logo
Vishay Siliconix
VS-GT100TP120N VISHAY-VS-GT100TP120N Datasheet
189Kb / 7P
Half Bridge IGBT Power Module, 1200 V, 100 A
11-Jun-15
logo
Infineon Technologies A...
IRS2007SPBF INFINEON-IRS2007SPBF Datasheet
1Mb / 18P
200-V Half-Bridge Driver
Rev 1.0 2017-09-1
logo
Texas Instruments
LM5108 TI1-LM5108 Datasheet
1Mb / 33P
Robust and Compact 100-V Half-Bridge Gate Driver
logo
ON Semiconductor
FAD6263 ONSEMI-FAD6263 Datasheet
275Kb / 16P
Half-Bridge Gate Driver, 600 V, 3 A
July, 2019 ??Rev. P0
FAD8253 ONSEMI-FAD8253 Datasheet
348Kb / 19P
Half-Bridge Gate Driver 1200 V 2.5 A Source/3.4 A Sink
June, 2020 ??Rev. 1
logo
Infineon Technologies A...
2EDL23 INFINEON-2EDL23 Datasheet
2Mb / 21P
600 V Half Bridge Gate Driver with OCP and Integrated Bootstrap Diode
Version 2.7 2020-07-07
logo
Diodes Incorporated
DGD1003 DIODES-DGD1003 Datasheet
767Kb / 11P
HALF-BRIDGE GATE DRIVER IN V-DFN3035-8
May 2020
logo
ON Semiconductor
FAD8253MX-1 ONSEMI-FAD8253MX-1 Datasheet
284Kb / 19P
Half-Bridge Gate Driver 1200 V 2.5 A Source/3.4 A Sink
August, 2022 - Rev. 3
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com