Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF70S006VBAR2000 Datasheet (PDF) - Japan Aviation Electronics Industry, Ltd.

Part # SF70S006VBAR2000
Description  nano SIM Card connector, 6 pos., 1.25mm height, Push-eject tray type
File Size   150.53 Kbytes
Html View  1   2   3 
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

SF70S006VBAR2000 Datasheet (PDF) - Japan Aviation Electronics Industry, Ltd.



Similar Part No. - SF70S006VBAR2000

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
SF70S006VBA JAE-SF70S006VBA Datasheet
759Kb / 6P
nanoSIM Card Connector
More results


Similar Description - SF70S006VBAR2000

ManufacturerPart #DatasheetDescription
logo
Major League Electronic...
SIMS60 MAJOR-LEAGUE-SIMS60 Datasheet
87Kb / 2P
SIM Card Connector Push/Push Type 6 or 8 Pin
logo
Japan Aviation Electron...
SF72 JAE-SF72 Datasheet
770Kb / 5P
nano SIM Card Connector
logo
Wurth Elektronik GmbH &...
693043020611 WURTH-693043020611 Datasheet
452Kb / 3P
NANO SIM - PUSH & PULL TYPE - 6 PINS
logo
Global Connector Techno...
SIM7155 GCT-SIM7155 Datasheet
207Kb / 3P
Micro SIM Card Connector - Push-Push Type 6 Pin, SMT, 1.43mm Profile
12th April 2021
SIM8051 GCT-SIM8051 Datasheet
244Kb / 3P
Nano SIM Card Connector Push-Pull Type, 6 Pin, SMT, Profile 1.35mm
28th April 2015
SIM8055 GCT-SIM8055 Datasheet
276Kb / 3P
Nano SIM Card Connector,Push-Pull Type,with Switch 6 Pin, SMT, Profile 1.35mm
27th November 2017
logo
ATTEND Technology Inc.
115S-BS00 ATTEND-115S-BS00 Datasheet
319Kb / 5P
Nano SIM Socket, Dual Card Tray Eject Type, 30u"
2021/04/21
115S ATTEND-115S Datasheet
523Kb / 8P
Nano SIM Card Socket, Bar Push, 8u" Gold
2019/01/21
115U-A101 ATTEND-115U-A101 Datasheet
319Kb / 5P
Nano SIM Socket, 6 Pin, Tray-Push Push, Lock, G/F, 700 Reel
2022/07/27
115U-B100 ATTEND-115U-B100 Datasheet
319Kb / 5P
Dual Nano SIM Socket, Tray-Push Push, Lock w/Switch, G/F, Reel
2021/12/27
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com