Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SGS-5-13 Datasheet (PDF) - SYNERGY MICROWAVE CORPORATION

Part # SGS-5-13
Description  DOUBLE-BALANCED MICROWAVE MIXER SURFACE WIDE BANDWIDTH - GALAXY SERIES 3 - 19 GHz
File Size   335.09 Kbytes
Html View  1   2   3   4   5   6 
Manufacturer  SYNERGY [SYNERGY MICROWAVE CORPORATION]
Direct Link  http://www.synergymwave.com
Logo SYNERGY - SYNERGY MICROWAVE CORPORATION

SGS-5-13 Datasheet (PDF) - SYNERGY MICROWAVE CORPORATION



Similar Part No. - SGS-5-13

ManufacturerPart #DatasheetDescription
logo
SYNERGY MICROWAVE CORPO...
SGS-5-10 SYNERGY-SGS-5-10 Datasheet
327Kb / 6P
DOUBLE-BALANCED MICROWAVE MIXER SURFACE WIDE BANDWIDTH - GALAXY SERIES 3 - 19 GHz
SGS-5-17 SYNERGY-SGS-5-17 Datasheet
347Kb / 6P
DOUBLE-BALANCED MICROWAVE MIXER SURFACE WIDE BANDWIDTH - GALAXY SERIES 3 - 19 GHz
More results


Similar Description - SGS-5-13

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MD-156 MACOM-MD-156 Datasheet
191Kb / 2P
Flatpack Double-Balanced Mixer, 0.6 - 3 GHz
MD-123 MACOM-MD-123 Datasheet
167Kb / 3P
Double-Balanced Mixer, 10Mhz - 3 GHz
logo
SYNERGY MICROWAVE CORPO...
SMD6000 SYNERGY-SMD6000 Datasheet
201Kb / 2P
DOUBLE BALANCED MIXER ULTRA WIDE BANDWIDTH 1 - 6000 MHz
SGS-5-17 SYNERGY-SGS-5-17 Datasheet
347Kb / 6P
DOUBLE-BALANCED MICROWAVE MIXER SURFACE WIDE BANDWIDTH - GALAXY SERIES 3 - 19 GHz
SGS-5-10 SYNERGY-SGS-5-10 Datasheet
327Kb / 6P
DOUBLE-BALANCED MICROWAVE MIXER SURFACE WIDE BANDWIDTH - GALAXY SERIES 3 - 19 GHz
SGM-2-17 SYNERGY-SGM-2-17 Datasheet
252Kb / 4P
DOUBLE-BALANCED MIXER SURFACE WIDE BANDWIDTH 250 - 3250 MHz
SGM-2-13 SYNERGY-SGM-2-13 Datasheet
285Kb / 3P
DOUBLE-BALANCED MIXER SURFACE WIDE BANDWIDTH - GALAXY SERIES 250 - 3250 MHz
logo
M/A-COM Technology Solu...
MD-123 MA-COM-MD-123 Datasheet
100Kb / 3P
Double-Balanced Mixer, 10 MHz - 3 GHz
logo
SYNERGY MICROWAVE CORPO...
SGS-6-13 SYNERGY-SGS-6-13 Datasheet
355Kb / 2P
DOUBLE-BALANCED MICROWAVE MIXER
SGS-6-17 SYNERGY-SGS-6-17 Datasheet
353Kb / 2P
DOUBLE-BALANCED MICROWAVE MIXER
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com