Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RBA011N08R1SBPW Datasheet (PDF) - Renesas Technology Corp

Part # RBA011N08R1SBPW
Description  80 V - 360 A - 1.06 mΩ - TOLT for Automotive
File Size   496.57 Kbytes
Html View  1   2   3   4   5   6   7   8   9 
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RBA011N08R1SBPW Datasheet (PDF) - Renesas Technology Corp



Similar Part No. - RBA011N08R1SBPW

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RBA012N10R1SBPW RENESAS-RBA012N10R1SBPW Datasheet
495Kb / 9P
100 V - 350 A - 1.2 mΩ - TOLT for Automotive
Oct.22.2025
RBA013N08R1SBPW RENESAS-RBA013N08R1SBPW Datasheet
497Kb / 9P
80 V - 340 A - 1.3 mΩ - TOLT for Automotive
Oct.15.2025
RBA013N08R1SBQ4 RENESAS-RBA013N08R1SBQ4 Datasheet
462Kb / 9P
80 V - 340 A - 1.3 mΩ - TOLL for Automotive
Oct.15.2025
RBA015N10R1SBPW RENESAS-RBA015N10R1SBPW Datasheet
492Kb / 9P
100 V - 340 A - 1.5 mΩ - TOLT for Automotive
Oct.22.2025
RBA019N10R1SBPW RENESAS-RBA019N10R1SBPW Datasheet
494Kb / 9P
100 V - 230 A - 1.9 mΩ - TOLT for Automotive
Oct.22.2025
More results


Similar Description - RBA011N08R1SBPW

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FDD86369-F085 ONSEMI-FDD86369-F085 Datasheet
543Kb / 7P
Channel PowerTrench® MOSFET 80 V, 90 A, 7.9 mΩ
August-2017,Rev. 2
logo
STMicroelectronics
STPS80170C-Y STMICROELECTRONICS-STPS80170C-Y Datasheet
218Kb / 9P
Automotive 170 V, 80 A power Schottky rectifier
20-Nov-2019
STD100N10LF7AG STMICROELECTRONICS-STD100N10LF7AG Datasheet
659Kb / 17P
Automotive-grade N-channel 100 V, 5 mΩ typ., 80 A STripFET™ F7 Power MOSFET in a DPAK package
06-Jun-2016
STD80N3LL STMICROELECTRONICS-STD80N3LL Datasheet
778Kb / 15P
N-channel 30 V, 4 mΩ typ., 80 A Power MOSFET in a DPAK package
06-Dec-2016
STD95P3LLH6AG STMICROELECTRONICS-STD95P3LLH6AG Datasheet
731Kb / 16P
Automotive-grade P-channel -30 V, 5 mΩ typ., -80 A STripFET™ H6 Power MOSFET in a DPAK package
26-Jul-2016
STH272N6F7-6AG STMICROELECTRONICS-STH272N6F7-6AG Datasheet
808Kb / 15P
Automotive-grade N-channel 60 V, 0.95 mΩ typ., 180 A Automotive-grade N-channel 60 V, 0.95 mΩ typ., 180 A
17-Mar-2016
logo
Renesas Technology Corp
RJK0603DPN-A0 RENESAS-RJK0603DPN-A0 Datasheet
513Kb / 7P
N-Channel MOSFET 60 V, 80 A, 5.2 mΩ
2020.1.9
RJK1001DPP-A0 RENESAS-RJK1001DPP-A0 Datasheet
439Kb / 7P
N-Channel MOSFET 100 V, 80 A, 5.5 mΩ
2020.1.9
N0605N RENESAS-N0605N Datasheet
676Kb / 7P
N-channel MOSFET 60 V, 80 A, 8.5 mΩ
2019.9.30
logo
Microchip Technology
MSC360SMA120S MICROCHIP-MSC360SMA120S Datasheet
6Mb / 16P
1200 V, 360 mΩ SiC N-Channel Power MOSFET
01/2022 Revision A
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com