Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OC5820 Datasheet (PDF) - OCX semiconductor

Part # OC5820
Description  2.5A, 40V step-down converter
File Size   582.62 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  OCX [OCX semiconductor]
Direct Link  http://www.ocxsemi.com/
Logo OCX - OCX semiconductor

OC5820 Datasheet (PDF) - OCX semiconductor



Similar Part No. - OC5820

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
OC58509 LSTD-OC58509 Datasheet
1Mb / 2P
UV Stable polycarbonate radome
OC58509-FNF LSTD-OC58509-FNF Datasheet
1Mb / 2P
UV Stable polycarbonate radome
OC58509-FNM LSTD-OC58509-FNM Datasheet
1Mb / 2P
UV Stable polycarbonate radome
logo
OCX semiconductor
OC5864 OCX-OC5864 Datasheet
576Kb / 8P
0.6A, 60V, 500kHz Step-down Converter
More results


Similar Description - OC5820

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT4075 ACTIVE-SEMI-ACT4075 Datasheet
704Kb / 10P
Wide Input 2.5A Step Down Converter
Rev PrA, 13-Aug-07
logo
Diodes Incorporated
AP5004 DIODES-AP5004 Datasheet
244Kb / 10P
PWM CONTROL 2.5A STEP-DOWN CONVERTER
AP5004 Rev. 3
logo
Advanced Analogic Techn...
AAT2153 ANALOGICTECH-AAT2153 Datasheet
2Mb / 17P
2.5A Low Noise Step-Down Converter
logo
Diodes Incorporated
AP5004 DIODES-AP5004_10 Datasheet
214Kb / 11P
PWM CONTROL 2.5A STEP-DOWN CONVERTER
DS31444 Rev. 5 - 2
logo
Monolithic Power System...
MP2467 MPS-MP2467 Datasheet
476Kb / 17P
2.5A, 36V, 500kHz Step-Down Converter
MP2560 MPS-MP2560 Datasheet
509Kb / 19P
2.5A, 4MHz, 42V Step-Down Converter
MP2565 MPS-MP2565 Datasheet
535Kb / 20P
2.5A, 4MHz, 50V Step-Down Converter
MP4350 MPS-MP4350 Datasheet
455Kb / 14P
2.5A, 4MHz, 20V Step-Down Converter
MP4460 MPS-MP4460 Datasheet
451Kb / 18P
2.5A, 4MHz, 36V Step-Down Converter
logo
AiT Semiconductor Inc.
A7425 AITSEMI-A7425 Datasheet
1Mb / 18P
DC-DC CONVERTER BUCK (STEP-DOWN) 40V, 2.5A, 500kHz SYNCHRONOUS
REV1.1 - MAR 2019
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com