Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X10213 Datasheet (PDF) - United Automation Ltd. All rights reserved

Part # X10213
Description  86kW (120A), 105kW (146A), 415V Three Phase Burst Fire Power Controller
File Size   519.66 Kbytes
Html View  1   2   3   4 
Manufacturer  UNITEDAUTOMATION [United Automation Ltd. All rights reserved]
Direct Link  https://united-automation.com/
Logo UNITEDAUTOMATION - United Automation Ltd. All rights reserved

X10213 Datasheet (PDF) - United Automation Ltd. All rights reserved



Similar Part No. - X10213

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
X10213 ETC2-X10213 Datasheet
116Kb / 3P
MULTI-MODE MAINS MODULE BURST FIRED OR PHASE ANGLE
logo
United Automation Ltd. ...
X10213 UNITEDAUTOMATION-X10213 Datasheet
56Kb / 1P
MANUAL PHASE ANGLE TRIAC TRIGGER MODULE
31/07/12
X10213 UNITEDAUTOMATION-X10213 Datasheet
192Kb / 2P
PHASE ANGLE POWER 25A ac CONTROL MODULE
17/07/98
X10213 UNITEDAUTOMATION-X10213 Datasheet
517Kb / 2P
Phase Angle Power Control Module
19 January 2026
X10213 UNITEDAUTOMATION-X10213 Datasheet
727Kb / 4P
Standard with 15A / 17A, 110V / 230V Variable AC Regulator
1 July 2025
More results


Similar Description - X10213

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3932 ALLEGRO-3932 Datasheet
67Kb / 8P
THREE PHASE POWER MOSFET CONTROLLER
03/02/99
3933 ALLEGRO-3933 Datasheet
168Kb / 12P
THREE-PHASE POWER MOSFET CONTROLLER
A3938SEQ ALLEGRO-A3938SEQ Datasheet
399Kb / 11P
Three-Phase Power MOSFET Controller
logo
Crydom Inc.,
MCBC1225 CRYDOM-MCBC1225 Datasheet
941Kb / 6P
Microprocessor based burst-fire controller / SSR
logo
Allegro MicroSystems
A3932 ALLEGRO-A3932 Datasheet
365Kb / 12P
Three-Phase Power MOSFET Controller
A3938 ALLEGRO-A3938 Datasheet
370Kb / 11P
Three-Phase Power MOSFET Controller
A3932 ALLEGRO-A3932_13 Datasheet
364Kb / 12P
Three-Phase Power MOSFET Controller
A3932SLD-T ALLEGRO-A3932SLD-T Datasheet
364Kb / 12P
Three-Phase Power MOSFET Controller
A3938SLDTR ALLEGRO-A3938SLDTR Datasheet
369Kb / 11P
Three-Phase Power MOSFET Controller
A3938 ALLEGRO-A3938_16 Datasheet
369Kb / 11P
Three-Phase Power MOSFET Controller
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com