Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCANFP1020 Datasheet (PDF) - Infinite Electronics International, Inc.

Part # LCANFP1020
Description  2400 to 2500 MHz MHz, RFID Flat Panel Antenna, 18 dBi Gain N-Type female, ABS Radome, RHCP
File Size   519.03 Kbytes
Html View  1   2   3   4   5 
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

LCANFP1020 Datasheet (PDF) - Infinite Electronics International, Inc.



Similar Part No. - LCANFP1020

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
LCANFP1021 L-COM-LCANFP1021 Datasheet
497Kb / 5P
902 to 928 MHz, RFID Flat Panel Antenna, 12 dBi Gain N-Type female, ABS Radome, RHCP
11/08/22
LCANFP1022 L-COM-LCANFP1022 Datasheet
554Kb / 5P
902 to 928 MHz, RFID Flat Panel Antenna, 0 dBi Gain RP TNC male, EVA Radome, RHCP
11/16/22
LCANFP1023 L-COM-LCANFP1023 Datasheet
584Kb / 5P
902 to 928 MHz, RFID Flat Panel Antenna, 1.5 dBi Gain RP TNC male, EVA Radome, RHCP
11/17/22
LCANFP1024 L-COM-LCANFP1024 Datasheet
587Kb / 5P
902 to 928 MHz, RFID Flat Panel Antenna, 3 dBi Gain RP TNC male, EVA Radome, RHCP
11/17/22
LCANFP1025 L-COM-LCANFP1025 Datasheet
570Kb / 5P
902 to 928 MHz, RFID Flat Panel Antenna, 5 dBi Gain RP TNC male, EVA Radome, RHCP
11/15/22
More results


Similar Description - LCANFP1020

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE51130 PASTERNACK-PE51130 Datasheet
65Kb / 1P
High Performance Panel Antenna 1700-2500 MHz, 9 dBi
PE51024 PASTERNACK-PE51024 Datasheet
646Kb / 2P
OUTDOOR ISM & RFID ANTENNA 8.5 dBi; RHCP
PE51030 PASTERNACK-PE51030 Datasheet
129Kb / 1P
Vertical Omni Antenna 2400 MHz, 10.0 dBi
PE51031 PASTERNACK-PE51031 Datasheet
66Kb / 1P
Vertical Omni Antenna 2400 MHz, 12.0 dBi
PE51041 PASTERNACK-PE51041 Datasheet
71Kb / 1P
Panel Antenna 2400-2483 MHz,14 dBi
PE51047 PASTERNACK-PE51047 Datasheet
71Kb / 1P
WiMax Panel Antenna 3500 MHz, 18 dBi
PE51049 PASTERNACK-PE51049 Datasheet
92Kb / 1P
WiMax Panel Antenna 2400-2500 MHz, 19 dBi
PE51088 PASTERNACK-PE51088 Datasheet
283Kb / 1P
Mini Omni Antenna 2400-2500 & 4900-5825 MHz 2.0 dBi
PE51133 PASTERNACK-PE51133 Datasheet
256Kb / 1P
Mini Vertical Antenna 2400-2500 MHz 3 dBi
logo
TE Connectivity Ltd
2195772-1 TEC-2195772-1 Datasheet
2Mb / 2P
2400-2500 MHz 5DBI ANTENNA
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com