Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CA3N002 Datasheet (PDF) - Infinite Electronics International, Inc.

Part # CA3N002
Description  CA 400 NM - NM
File Size   44.93 Kbytes
Html View  1 
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

CA3N002 Datasheet (PDF) - Infinite Electronics International, Inc.



Similar Part No. - CA3N002

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
CA3N004 L-COM-CA3N004 Datasheet
44Kb / 1P
CA 400 NM - NM
07/14/16
More results


Similar Description - CA3N002

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL60009 ZARLINK-ZL60009 Datasheet
176Kb / 7P
PIN/Preamp 1300 nm-1550 nm
logo
OptoDiode Corp
UVG5S OPTODIODE-UVG5S Datasheet
321Kb / 2P
Ideal for 225-400 nm detection
UVG20S OPTODIODE-UVG20S Datasheet
280Kb / 2P
Ideal for 190-400 nm detection
logo
Marktech Corporate
MTPD3650D-1.4 MARKTECH-MTPD3650D-1.4 Datasheet
1Mb / 2P
Wide bandwidth and high spectral sensitivity in the UV range (245 nm - 400 nm)
logo
Optoway Technology Inc
SPB-2860LWG OPTOWAY-SPB-2860LWG Datasheet
594Kb / 5P
1270 nm TX / 1330 nm RX
logo
OSRAM GmbH
SFH7013 OSRAM-SFH7013 Datasheet
565Kb / 20P
Red (655 nm), Green (530 nm) and Infrared Emitter (940 nm)
BPW-34 OSRAM-BPW-34 Datasheet
474Kb / 6P
Especially suitable for applications from 400 nm to 1100 nm
KOM-2125 OSRAM-KOM-2125 Datasheet
452Kb / 11P
Suitable for applications from 400 nm to 1100 nm
SFH-7013 OSRAM-SFH-7013 Datasheet
565Kb / 20P
Red (655 nm), Green (530 nm) and Infrared Emitter (940 nm)
logo
Bivar, Inc.
SM1206UV-400-IL BIVAR-SM1206UV-400-IL Datasheet
622Kb / 5P
SURFACE MOUNT LED 400 nm, 1206 UV IL PACKAGE
Revision B 09/10
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com