Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A-20GD Datasheet (PDF) - Omron Electronics LLC

Part # A-20GD
Description  High-capacity Switch Capable of Handling 20 A Loads with Large Inrush Currents
File Size   792.42 Kbytes
Html View  1   2   3   4   5   6 
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A-20GD Datasheet (PDF) - Omron Electronics LLC



Similar Part No. - A-20GD

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A-20GD OMRON-A-20GD Datasheet
988Kb / 8P
Snap Action Switch
A-20GD-B OMRON-A-20GD-B Datasheet
988Kb / 8P
Snap Action Switch
A-20GD-B7-K OMRON-A-20GD-B7-K Datasheet
988Kb / 8P
Snap Action Switch
More results


Similar Description - A-20GD

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
40947 MACOM-40947 Datasheet
204Kb / 3P
1 pole 10 A, for high inrush currents, mono- or bistable
MSR MACOM-MSR_05 Datasheet
174Kb / 3P
High inrush currents with AgSnO contacts
logo
Freescale Semiconductor...
MW7IC2750NR1 FREESCALE-MW7IC2750NR1_11 Datasheet
1Mb / 25P
RF LDMOS Wideband Integrated Power Amplifier Capable of Handling 10:1 VSWR
logo
Panasonic Semiconductor
AEP17012 PANASONIC-AEP17012 Datasheet
230Kb / 8P
Control of large voltages and currents
logo
List of Unclassifed Man...
120-102111-1 ETC2-120-102111-1 Datasheet
335Kb / 3P
Capable of handling low and high current requirements
logo
Inchange Semiconductor ...
2SA1507 ISC-2SA1507 Datasheet
114Kb / 2P
Large Current Capacity
logo
Omron Electronics LLC
G9EJ-1-E OMRON-G9EJ-1-E Datasheet
587Kb / 6P
Compact DC Power Relays Capable of Switching 400 V 15 A DC loads
logo
TE Connectivity Ltd
RP3SL TEC-RP3SL Datasheet
287Kb / 3P
For high inrush currents up to 120A
logo
PHOENIX CONTACT
EMG17-KSR-G24 PHOENIX-EMG17-KSR-G24 Datasheet
130Kb / 4P
Relay module for high inrush currents, with soldered-in relay, contacts (AgCdO capacitive W): medium to large loads, 1 N/O contact, input voltage 24 V DC, max. inrush current 80 A
logo
Omron Electronics LLC
G7L-X OMRON-G7L-X Datasheet
138Kb / 4P
Compact Power Relay Capable of Switching 1,000 VDC Loads
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com