Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RQ5C025TPTL Datasheet (PDF) - Rohm

Part # RQ5C025TPTL
Description  Pch -20V -2.5A Small Signal MOSFET
File Size   1519.5 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RQ5C025TPTL Datasheet (PDF) - Rohm



Similar Part No. - RQ5C025TPTL

ManufacturerPart #DatasheetDescription
logo
Rohm
RQ5C035BC ROHM-RQ5C035BC Datasheet
2Mb / 13P
Pch -20V -3.5A Middle Power MOSFET
RQ5C060BC ROHM-RQ5C060BC Datasheet
2Mb / 14P
Pch -20V -6A Middle Power MOSFET
logo
TECH PUBLIC Electronics...
RQ5C060BCTCL-TP TECHPUBLIC-RQ5C060BCTCL-TP Datasheet
1,001Kb / 3P
N-Channel MOSFET 200V, 6.0A, 0.650
More results


Similar Description - RQ5C025TPTL

ManufacturerPart #DatasheetDescription
logo
Rohm
RV2C001ZP ROHM-RV2C001ZP Datasheet
765Kb / 11P
Pch -20V -100mA Small Signal MOSFET
RUF025N02FRA ROHM-RUF025N02FRA Datasheet
2Mb / 14P
Nch 20V 2.5A Small Signal MOSFET
RV2C014BC ROHM-RV2C014BC Datasheet
2Mb / 14P
Pch -20V -1.4A Small Signal MOSFET
RW1C025ZP ROHM-RW1C025ZP Datasheet
2Mb / 13P
Pch -20V -2.5A Small Signal MOSFET
RSQ025P03HZG ROHM-RSQ025P03HZG Datasheet
2Mb / 15P
Pch -30V -2.5A Small Signal MOSFET
RSR025P03HZG ROHM-RSR025P03HZG Datasheet
2Mb / 15P
Pch -30V -2.5A Small Signal MOSFET
RTQ025P02HZG ROHM-RTQ025P02HZG Datasheet
2Mb / 15P
Pch -20V -2.5A Small Signal MOSFET
RTR020P02HZG ROHM-RTR020P02HZG Datasheet
2Mb / 15P
Pch -20V -2A Small Signal MOSFET
RTR025P02HZG ROHM-RTR025P02HZG Datasheet
2Mb / 15P
Pch -20V -2.5A Small Signal MOSFET
US6J41FRA ROHM-US6J41FRA Datasheet
1Mb / 14P
-20V PchPch Small Signal MOSFET
20170706 - Rev.001
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com