Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXO-HC53 Datasheet (PDF) - Fox Electronics

Part # FXO-HC53
Description  HCMOS 5 x 3.2mm 3.3V Oscillator
File Size   364.19 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

FXO-HC53 Datasheet (PDF) - Fox Electronics



Similar Part No. - FXO-HC53

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FXO-HC53 ETC2-FXO-HC53 Datasheet
369Kb / 15P
HCMOS 5 x 3.2mm 3.3V Oscillator
logo
Fox Electronics
FXO-HC535R-125 FOX-FXO-HC535R-125 Datasheet
38Kb / 1P
HCMOS, CERAMIC, SMD, OSCILLATOR
01/15/2008
FXO-HC535R-156.25 FOX-FXO-HC535R-156.25 Datasheet
38Kb / 1P
HCMOS, CERAMIC, SMD, OSCILLATOR
01/15/2008
FXO-HC535R-200 FOX-FXO-HC535R-200 Datasheet
38Kb / 1P
HCMOS, CERAMIC, SMD, OSCILLATOR
Date: 01/15/2008
logo
List of Unclassifed Man...
FXO-HC536R-125 ETC2-FXO-HC536R-125 Datasheet
369Kb / 15P
HCMOS 5 x 3.2mm 3.3V Oscillator
More results


Similar Description - FXO-HC53

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FVXO-HC53 FOX-FVXO-HC53 Datasheet
365Kb / 15P
HCMOS 5 x 3.2mm 3.3V VCXO
FXO-HC52 FOX-FXO-HC52 Datasheet
341Kb / 15P
HCMOS 5 x 3.2mm 2.5V Oscillator
FXO-PC53 FOX-FXO-PC53 Datasheet
329Kb / 15P
LVPECL 5 x 3.2mm 3.3V Oscillator
logo
List of Unclassifed Man...
FXO-HC536R-200 ETC2-FXO-HC536R-200 Datasheet
369Kb / 15P
HCMOS 5 x 3.2mm 3.3V Oscillator
logo
Fox Electronics
FXU-LC53 FOX-FXU-LC53 Datasheet
297Kb / 11P
LVDS 5 x 3.2mm 3.3V Oscillator
FXU-PC53 FOX-FXU-PC53 Datasheet
292Kb / 11P
LVPECL 5 x 3.2mm 3.3V Oscillator
logo
List of Unclassifed Man...
FXO-HC536R-125 ETC2-FXO-HC536R-125 Datasheet
369Kb / 15P
HCMOS 5 x 3.2mm 3.3V Oscillator
logo
Fox Electronics
FXU-HC52 FOX-FXU-HC52 Datasheet
600Kb / 11P
HCMOS 5 x 3.2mm 2.5V Oscillator
FXO-HC536R-30 FOX-FXO-HC536R-30 Datasheet
369Kb / 15P
HCMOS 5 x 3.2mm 3.3V Oscillator
FX5LSBBF120 FOX-FX5LSBBF120 Datasheet
921Kb / 15P
LVDS 5 x 3.2mm 3.3V Oscillator
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com