Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AWSZT-CW Datasheet (PDF) - Abracon Corporation

Part # AWSZT-CW
Description  2.5 x 2.0 x 1.2 mm SMD CERAMIC RESONATOR
File Size   1240.46 Kbytes
Html View  1   2 
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AWSZT-CW Datasheet (PDF) - Abracon Corporation



Similar Part No. - AWSZT-CW

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AWSZT-CP ABRACON-AWSZT-CP Datasheet
638Kb / 4P
2-PAD INDUSTRIAL GRADE CERAMIC RESONATOR
12.19.2016
AWSZT-CR ABRACON-AWSZT-CR Datasheet
1Mb / 2P
4.5 x 2.0 x 1.2 mm SMD CERAMIC RESONATOR
09.18.08
AWSZT-CV ABRACON-AWSZT-CV Datasheet
1Mb / 2P
3.7 x 3.1 mm SMD CERAMIC RESONATOR
09.18.08
More results


Similar Description - AWSZT-CW

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AWSZT-CR ABRACON-AWSZT-CR Datasheet
1Mb / 2P
4.5 x 2.0 x 1.2 mm SMD CERAMIC RESONATOR
09.18.08
logo
ILSI America LLC
I583 ILSI-I583 Datasheet
53Kb / 2P
2.0 mm x 2.5 mm Ceramic Package SMD TCXO
I587 ILSI-I587 Datasheet
87Kb / 2P
2.0 mm x 2.5 mm Ceramic Package SMD TCXO
logo
TAITIEN ELECTRONICS CO....
XO-0108-32.768K-OX-OY TAITIEN-XO-0108-32.768K-OX-OY Datasheet
758Kb / 1P
3.2 x 2.5 / 2.5 x 2.0 mm SMD Oscillator
logo
Transko Electronics, In...
1ZTTCW TRANSKO-1ZTTCW Datasheet
401Kb / 1P
CERAMIC RESONATORS (2.0 X 2.5 X 1.2 / 0.55 mm)
Rev. 1: Jul. 2014
4ZTTCR TRANSKO-4ZTTCR Datasheet
389Kb / 1P
CERAMIC RESONATORS (4.5 X 2.0 X 1.2 mm)
Rev. 1: Jul. 2014
T4FC2012F TRANSKO-T4FC2012F Datasheet
1Mb / 5P
Common Mode Choke SMD (2.0 X 1.2 X 1.2 mm)
Rev 1: 05-09-2018
TMPIC252012F TRANSKO-TMPIC252012F Datasheet
309Kb / 3P
Power Inductor SMD (2.5 X 2.0 X 1.2 mm)
Rev 1: 02-04-2020
TPQH252012HF-R TRANSKO-TPQH252012HF-R Datasheet
776Kb / 3P
Power Inductor SMD (2.5 X 2.0 X 1.2 mm)
Rev 1: 03-07-2019
logo
Xtaltq Technologies Co....
BS2520A XTALTQ-BS2520A Datasheet
210Kb / 2P
Typical 2.5 x 2.0 x 0.81 mm ceramic SMD package
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com