Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMA35-1 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

Part # SMA35-1
Description  Cascadable Amplifier 2 to 2400 MHz
File Size   1332.88 Kbytes
Html View  1   2 
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

SMA35-1 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.



Similar Part No. - SMA35-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SMA35-1 MACOM-SMA35-1 Datasheet
357Kb / 2P
Cascadable Amplifier 2 to 2400 MHz
More results


Similar Description - SMA35-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A25-1 MACOM-A25-1 Datasheet
107Kb / 1P
2 TO 1500 MHz CASCADABLE AMPLIFIER
A33-1 MACOM-A33-1 Datasheet
108Kb / 1P
2 TO 2400 MHz CASCADABLE AMPLIFIER
A35-1 MACOM-A35-1 Datasheet
357Kb / 2P
Cascadable Amplifier 2 to 2400 MHz
A25-1 MACOM-A25-1_1 Datasheet
364Kb / 2P
Cascadable Amplifier 2 to 1500 MHz
A33-1 MACOM-A33-1_1 Datasheet
382Kb / 2P
Cascadable Amplifier 2 to 2400 MHz
logo
M/A-COM Technology Solu...
SMA25-1 MA-COM-SMA25-1 Datasheet
1Mb / 2P
Cascadable Amplifier 2 to 1500 MHz
SMA33-1 MA-COM-SMA33-1 Datasheet
1Mb / 2P
Cascadable Amplifier 2 to 2400 MHz
logo
Teledyne Technologies I...
AC2426 TELEDYNE-AC2426 Datasheet
160Kb / 2P
10 TO 2400 MHz TO-8 CASCADABLE AMPLIFIER
UTOUTC2024 TELEDYNE-UTOUTC2024 Datasheet
183Kb / 6P
Thin-Film Cascadable Amplifier 2 to 2000 MHz
UTOUTC0515 TELEDYNE-UTOUTC0515 Datasheet
303Kb / 6P
Thin-Film Cascadable Amplifier 2 to 500 MHz
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com