Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS-409-4BNC Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

Part # DS-409-4BNC
Description  Four -Way Power Divider, 10 - 2000 MHz
File Size   77.29 Kbytes
Html View  1   2 
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

DS-409-4BNC Datasheet (PDF) - M/A-COM Technology Solutions, Inc.



Similar Part No. - DS-409-4BNC

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DS-409-4BNC MACOM-DS-409-4BNC Datasheet
141Kb / 2P
Four-Way Power Divider 10 - 2000 MHz
More results


Similar Description - DS-409-4BNC

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DS-332 MACOM-DS-332 Datasheet
117Kb / 2P
Two-Way Power Divider 1000 - 2000 MHz
DS-4-4 MACOM-DS-4-4 Datasheet
101Kb / 2P
Broadband Four-Way Power Divider 2 - 2000 MHz
DS-409-4 MACOM-DS-409-4 Datasheet
141Kb / 2P
Four-Way Power Divider 10 - 2000 MHz
DSS-313 MACOM-DSS-313 Datasheet
106Kb / 2P
Two-Way Power Divider 10 - 2000 MHz
PD10-0042-S MACOM-PD10-0042-S Datasheet
16Kb / 1P
Two-Way In-Phase Power Divider 10-2000 MHz
logo
M/A-COM Technology Solu...
DS-4-4 MA-COM-DS-4-4 Datasheet
72Kb / 2P
Broadband Four -Way Power Divider, 2 - 2000 MHz
DS-312 MA-COM-DS-312 Datasheet
94Kb / 3P
Four-Way Power Divider, 10 - 500 MHz
DSS-313 MA-COM-DSS-313 Datasheet
73Kb / 3P
Two-Way Power Divider, 10 - 2000 MHz
DS-112-DS-312 MA-COM-DS-112-DS-312 Datasheet
94Kb / 3P
Four-Way Power Divider
DS-409-4 MA-COM-DS-409-4 Datasheet
77Kb / 2P
Four -Way Power Divider
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com