Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA65-0003 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

Part # SA65-0003
Description  Down Converter, 1500 - 2000 MHz
File Size   75.15 Kbytes
Html View  1   2   3 
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

SA65-0003 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.



Similar Part No. - SA65-0003

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SA65-0003 MACOM-SA65-0003 Datasheet
259Kb / 4P
Down Converter, 1500 - 2000 MHz
SA65-0003-TB MACOM-SA65-0003-TB Datasheet
259Kb / 4P
Down Converter, 1500 - 2000 MHz
SA65-0003TR MACOM-SA65-0003TR Datasheet
259Kb / 4P
Down Converter, 1500 - 2000 MHz
More results


Similar Description - SA65-0003

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
CH20-0058-S MACOM-CH20-0058-S Datasheet
18Kb / 1P
11 dB Directional Coupler 1500 - 2000 MHz
SA65-0003 MACOM-SA65-0003 Datasheet
259Kb / 4P
Down Converter, 1500 - 2000 MHz
MAIA-007495-000100 MACOM-MAIA-007495-000100 Datasheet
190Kb / 5P
Down Converter 1500 - 2400 MHz
logo
California Eastern Labs
UPC1686GV CEL-UPC1686GV Datasheet
198Kb / 8P
900 MHz SILICON MMIC DOWN CONVERTER
logo
Mini-Circuits
ZN2PD-1900W MINI-ZN2PD-1900W Datasheet
94Kb / 1P
Power Splitter/Combiner 2 Way-0 50廓 1500 to 2000 MHz
logo
M/A-COM Technology Solu...
MAIA-007495-000100 MA-COM-MAIA-007495-000100 Datasheet
105Kb / 5P
Down Converter 1500 - 2400 MHz
logo
Texas Instruments
TPS65000-Q1 TI1-TPS65000-Q1_15 Datasheet
2Mb / 29P
2.25-MHz Step-Down Converter
logo
Teledyne Technologies I...
A2CP6005 TELEDYNE-A2CP6005 Datasheet
125Kb / 2P
2000-6000 MHz 2000-6000 MHz
AC1529 TELEDYNE-AC1529 Datasheet
163Kb / 2P
10 TO 1500 MHz 10 TO 1500 MHz
AC2039 TELEDYNE-AC2039 Datasheet
180Kb / 2P
10 TO 2000 MHz 10 TO 2000 MHz
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com