Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAADSS0018 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

Part # MAADSS0018
Description  Digital Attenuator, 5-Bit, Single Control 15.5 dB, 2.0 - 6.0 GHz
File Size   129.11 Kbytes
Html View  1   2   3   4 
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAADSS0018 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.



Similar Part No. - MAADSS0018

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAADSS0018 MA-COM-MAADSS0018 Datasheet
129Kb / 4P
Digital Attenuator, 5-Bit, Single Control
MAADSS0018 MA-COM-MAADSS0018_15 Datasheet
129Kb / 4P
Digital Attenuator
More results


Similar Description - MAADSS0018

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT65-0283 MACOM-AT65-0283 Datasheet
231Kb / 3P
Digital Attenuator, 15.5 dB, 5-Bit, TTL Driver, DC - 2.0 GHz
MAAD-007084-000100 MACOM-MAAD-007084-000100 Datasheet
233Kb / 4P
Digital Attenuator 15.5 dB, 5-Bit, TTL Driver, DC-2.0 GHz
MAATSS0021 MACOM-MAATSS0021 Datasheet
176Kb / 3P
Digital Attenuator, 15.5 dB, 5-Bit DC - 2.0 GHz
logo
M/A-COM Technology Solu...
MAATSS0021 MA-COM-MAATSS0021 Datasheet
75Kb / 3P
Digital Attenuator, 15.5 dB, 5-Bit DC - 2.0 GHz
AT-280 MA-COM-AT-280 Datasheet
81Kb / 3P
Digital Attenuator, 15.5 dB, 5-Bit DC - 2.0 GHz
AT-283-PIN MA-COM-AT-283-PIN Datasheet
133Kb / 4P
Digital Attenuator 15.5 dB, 5-Bit, TTL Driver, DC-2.0 GHz
AT65-0283 MA-COM-AT65-0283 Datasheet
126Kb / 4P
Digital Attenuator 15.5 dB, 5-Bit, TTL Driver, DC-2.0 GHz
MAADSS0019 MA-COM-MAADSS0019 Datasheet
131Kb / 4P
Digital Attenuator, 4-Bit, Single Control 15 dB, 2.0 - 6.0 GHz
MAAD-007084-000100 MA-COM-MAAD-007084-000100 Datasheet
127Kb / 4P
Digital Attenuator 15.5 dB, 5-Bit, TTL Driver, DC-2.0 GHz
MAAD-007084-000100 MA-COM-MAAD-007084-000100 Datasheet
127Kb / 4P
Digital Attenuator 15.5 dB, 5-Bit, TTL Driver, DC-2.0 GHz
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com