Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW-205-PIN Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

Part # SW-205-PIN
Description  Matched GaAs SPDT Switch, 5 - 3000 MHz
File Size   57.36 Kbytes
Html View  1   2   3 
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

SW-205-PIN Datasheet (PDF) - M/A-COM Technology Solutions, Inc.



Similar Part No. - SW-205-PIN

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-205-PIN MACOM-SW-205-PIN Datasheet
138Kb / 3P
Matched GaAs SPDT Switch, 5 - 3000 MHz
More results


Similar Description - SW-205-PIN

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-205 MACOM-SW-205 Datasheet
105Kb / 2P
Matched GaAs SPDT Switch 5 - 3000 MHz
SW-207 MACOM-SW-207 Datasheet
78Kb / 2P
GaAs SPDT Switch 5 - 3000 MHz
SW-215 MACOM-SW-215 Datasheet
68Kb / 2P
Matched GaAs SPST Switch 5 - 3000 MHZ
SW-205-PIN MACOM-SW-205-PIN Datasheet
138Kb / 3P
Matched GaAs SPDT Switch, 5 - 3000 MHz
SW-207-PIN MACOM-SW-207-PIN Datasheet
139Kb / 3P
GaAs SPDT Switch, 5 - 3000 MHz
SW-215-PIN MACOM-SW-215-PIN Datasheet
138Kb / 3P
Matched GaAs SPST Switch, 5 - 3000 MHz
SW-233-PIN MACOM-SW-233-PIN Datasheet
144Kb / 3P
Matched GaAs SPDT Switch, 5 - 2000 MHz
SW-261-PIN MACOM-SW-261-PIN Datasheet
131Kb / 3P
Matched GaAs SPDT Switch, 5 - 2000 MHz
logo
M/A-COM Technology Solu...
SW-207-PIN MA-COM-SW-207-PIN Datasheet
56Kb / 3P
GaAs SPDT Switch, 5 - 3000 MHz
SW-215-PIN MA-COM-SW-215-PIN Datasheet
57Kb / 3P
Matched GaAs SPST Switch, 5 - 3000 MHz
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com