Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JH-131 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

Part # JH-131
Description  Three-Port Quadrature Hybrid, 20 - 200 MHz
File Size   80.28 Kbytes
Html View  1   2 
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

JH-131 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.



Similar Part No. - JH-131

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
JH-131 MACOM-JH-131 Datasheet
99Kb / 2P
Three-Port Quadrature Hybrid 20 - 200 MHz
JH-131BNC MACOM-JH-131BNC Datasheet
99Kb / 2P
Three-Port Quadrature Hybrid 20 - 200 MHz
JH-131BNC MACOM-JH-131BNC Datasheet
243Kb / 2P
Three-Port Quadrature Hybrid, 20 - 200 MHz
JH-131N MACOM-JH-131N Datasheet
99Kb / 2P
Three-Port Quadrature Hybrid 20 - 200 MHz
JH-131N MACOM-JH-131N Datasheet
243Kb / 2P
Three-Port Quadrature Hybrid, 20 - 200 MHz
More results


Similar Description - JH-131

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
JH-10-4 MACOM-JH-10-4 Datasheet
81Kb / 2P
Quadrature Hybrid 20 - 140 MHz
JH-131 MACOM-JH-131 Datasheet
99Kb / 2P
Three-Port Quadrature Hybrid 20 - 200 MHz
JHS-121 MACOM-JHS-121 Datasheet
104Kb / 2P
Quadrature Hybrid 100 - 200 MHz
JH-114 MACOM-JH-114 Datasheet
172Kb / 2P
Quadrature Hybrid, 20 - 40 MHz
JH-121 MACOM-JH-121 Datasheet
172Kb / 2P
Quadrature Hybrid, 100 - 200 MHz
JH-131 MACOM-JH-131_1 Datasheet
243Kb / 2P
Three-Port Quadrature Hybrid, 20 - 200 MHz
logo
SYNERGY MICROWAVE CORPO...
SLQ-K04 SYNERGY-SLQ-K04 Datasheet
63Kb / 2P
QUADRATURE HYBRID OCTAVE BANDWIDTH 100 - 200 MHz
logo
M/A-COM Technology Solu...
JH-114 MA-COM-JH-114 Datasheet
99Kb / 3P
Quadrature Hybrid, 20 - 40 MHz
JH-121 MA-COM-JH-121 Datasheet
93Kb / 3P
Quadrature Hybrid, 100 - 200 MHz
JHS-142 MA-COM-JHS-142 Datasheet
64Kb / 2P
Surface Mount Quadrature Hybrid, 200 - 400 MHz
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com