Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC690 Datasheet (PDF) - Hittite Microwave Corporation

Part # HMC690
Description  10 Gbps TRANSIMPEDANCE AMPLIFIER
File Size   379.85 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC690 Datasheet (PDF) - Hittite Microwave Corporation



Similar Part No. - HMC690

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC693 HITTITE-HMC693 Datasheet
675Kb / 8P
GaAs PHEMT MMIC 1 WATT POWER AMPLIFIER, 27 - 34 GHz
logo
Analog Devices
HMC693 AD-HMC693 Datasheet
1Mb / 22P
Active Bias Controller High Current
logo
Hittite Microwave Corpo...
HMC694 HITTITE-HMC694 Datasheet
551Kb / 8P
GaAs MMIC ANALOG VARIABLE GAIN AMPLIFIER, 6 - 17 GHz
logo
Analog Devices
HMC694 AD-HMC694 Datasheet
466Kb / 8P
GaAs MMIC ANALOG VARIABLE GAIN AMPLIFIER
logo
Hittite Microwave Corpo...
HMC694LP4 HITTITE-HMC694LP4 Datasheet
560Kb / 8P
GaAs MMIC ANALOG VARIABLE GAIN AMPLIFIER, 6 - 17 GHz
More results


Similar Description - HMC690

ManufacturerPart #DatasheetDescription
logo
Applied Micro Circuits ...
CS3170 AMCC-CS3170 Datasheet
159Kb / 11P
2.5 Gbps Transimpedance Amplifier
logo
Analog Devices
ADN2821 AD-ADN2821 Datasheet
149Kb / 8P
11.1 Gbps 3.3V Transimpedance Amplifier
logo
OKI electronic componet...
KGA4133 OKI-KGA4133 Datasheet
92Kb / 4P
12.5 Gbps Transimpedance Amplifier IC
logo
Vitesse Semiconductor C...
VSC7878 VITESSE-VSC7878 Datasheet
465Kb / 2P
10 Gbps Linear Transimpedance Amplifier
logo
M/A-COM Technology Solu...
02013-BRF-001-A MA-COM-02013-BRF-001-A Datasheet
151Kb / 2P
3.2 Gbps Transimpedance Amplifier with AGC
02014-BRF-001-A MA-COM-02014-BRF-001-A Datasheet
115Kb / 2P
2.5 Gbps Transimpedance Amplifier with AGC
logo
Analog Devices
ADN2821 AD-ADN2821_15 Datasheet
150Kb / 8P
11.1 Gbps 3.3V Transimpedance Amplifier
Rev. PrL
logo
Texas Instruments
ONET8531T TI1-ONET8531T_16 Datasheet
331Kb / 17P
11.3 Gbps Limiting Transimpedance Amplifier
ONET8541T TI1-ONET8541T_16 Datasheet
478Kb / 17P
11.3 Gbps Limiting Transimpedance Amplifier
ONET8551T TI1-ONET8551T_16 Datasheet
485Kb / 16P
11.3-Gbps Limiting Transimpedance Amplifier
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com