Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBMB50E6 Datasheet (PDF) - Nihon Inter Electronics Corporation

Part # PBMB50E6
Description  IGBT Module-H Bridge 50A, 600V
File Size   265.64 Kbytes
Html View  1   2   3   4 
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

PBMB50E6 Datasheet (PDF) - Nihon Inter Electronics Corporation



Similar Part No. - PBMB50E6

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
PBMB50E6 NI-PBMB50E6_15 Datasheet
265Kb / 4P
竊뺧폁 竊∽펽竊뽳폁竊먲섬
More results


Similar Description - PBMB50E6

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PBMB50B12 NIEC-PBMB50B12 Datasheet
116Kb / 3P
IGBT MODULE H-Bridge 50A 1200V
PBMB50B12C NIEC-PBMB50B12C Datasheet
119Kb / 3P
IGBT MODULE H-Bridge 50A 1200V
PBMB75A6 NIEC-PBMB75A6 Datasheet
114Kb / 3P
IGBT MODULE H-Bridge 75A 600V
PBMB100A6 NIEC-PBMB100A6 Datasheet
112Kb / 3P
IGBT MODULE H-Bridge 100A 600V
PBMB150A6 NIEC-PBMB150A6 Datasheet
112Kb / 3P
IGBT MODULE H-Bridge 150A 600V
PBMB200A6 NIEC-PBMB200A6 Datasheet
111Kb / 3P
IGBT MODULE H-Bridge 200A 600V
PBMB300A6 NIEC-PBMB300A6 Datasheet
113Kb / 3P
IGBT MODULE H-Bridge 300A 600V
PBMB75E6 NIEC-PBMB75E6 Datasheet
261Kb / 4P
IGBT Module-H Bridge 75A, 600V
PBMB100E6 NIEC-PBMB100E6 Datasheet
265Kb / 4P
IGBT Module-H Bridge 100A, 600V
PBMB150E6 NIEC-PBMB150E6 Datasheet
261Kb / 4P
IGBT Module-H Bridge 150A, 600V
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com