Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NX9415 Datasheet (PDF) - Microsemi Corporation

Part # NX9415
Description  5A SYNCHRONOUS BUCK SWITCHING REGULATOR
File Size   582.47 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

NX9415 Datasheet (PDF) - Microsemi Corporation



Similar Part No. - NX9415

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
NX90A1B BOURNS-NX90A1B Datasheet
805Kb / 6P
NX Series Breaker (Thermal Cutoff Device)
REV. 02/24
NX90ABB BOURNS-NX90ABB Datasheet
805Kb / 6P
NX Series Breaker (Thermal Cutoff Device)
REV. 02/24
logo
Microsemi Corporation
NX9511B MICROSEMI-NX9511B Datasheet
519Kb / 16P
9A SYNCHRONOUS BUCK SWITCHING REGULATORWITH 1MHz OPERATION FREQUENCY
NX9511BCMTR MICROSEMI-NX9511BCMTR Datasheet
519Kb / 16P
9A SYNCHRONOUS BUCK SWITCHING REGULATORWITH 1MHz OPERATION FREQUENCY
NX9548 MICROSEMI-NX9548 Datasheet
770Kb / 18P
9A SINGLE CHANNEL MOBILE PWM SWITCHING REGULATOR
More results


Similar Description - NX9415

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1036 AOSMD-AOZ1036 Datasheet
677Kb / 17P
EZBuck??5A Synchronous Buck Regulator
AOZ1037 AOSMD-AOZ1037 Datasheet
588Kb / 14P
EZBuck??5A Synchronous Buck Regulator
AOZ1053PI AOSMD-AOZ1053PI Datasheet
697Kb / 14P
EZBuck??5A Synchronous Buck Regulator
AOZ1036PI AOSMD-AOZ1036PI Datasheet
677Kb / 17P
EZBuck??5A Synchronous Buck Regulator
logo
Intersil Corporation
ISL78235ARZ INTERSIL-ISL78235ARZ Datasheet
1Mb / 20P
5A Automotive Synchronous Buck Regulator
July 1, 2015
logo
Alpha & Omega Semicondu...
AOZ1036DI AOSMD-AOZ1036DI Datasheet
676Kb / 17P
EZBuck??5A Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL78235 RENESAS-ISL78235 Datasheet
2Mb / 23P
5A Automotive Synchronous Buck Regulator
logo
Alpha & Omega Semicondu...
AOZ6605 AOSMD-AOZ6605 Datasheet
650Kb / 16P
EZBuckTM 5A Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL78235R5668 RENESAS-ISL78235R5668 Datasheet
2Mb / 21P
Automotive 5A Synchronous Buck Regulator
logo
Alpha & Omega Semicondu...
AOZ6605PI-1 AOSMD-AOZ6605PI-1 Datasheet
1Mb / 16P
EZBuckTM 5A Synchronous Buck Regulator
Rev. 1.1 December 2017
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com