Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS15 Datasheet (PDF) - Suntan Capacitors

Part # TS15
Description  CERAMIC DISC CAPACITOR
File Size   116.82 Kbytes
Html View  1 
Manufacturer  SUNTAN [Suntan Capacitors]
Direct Link  http://www.suntan.com.hk
Logo SUNTAN - Suntan Capacitors

TS15 Datasheet (PDF) - Suntan Capacitors



Similar Part No. - TS15

ManufacturerPart #DatasheetDescription
logo
CUI INC
TS15 CUI-TS15 Datasheet
376Kb / 4P
TACTILE SWITCH
04/13/2022
logo
Suntan Capacitors
TS15 SUNTAN-TS15 Datasheet
104Kb / 1P
CLASS I TEMPERATURE COMPENSATION
logo
CUI INC
TS15-1212-50-BK-160-SCR-D CUI-TS15-1212-50-BK-160-SCR-D Datasheet
376Kb / 4P
TACTILE SWITCH
04/13/2022
TS15-1212-65-BK-160-SCR-D CUI-TS15-1212-65-BK-160-SCR-D Datasheet
376Kb / 4P
TACTILE SWITCH
04/13/2022
TS15-1212-70-BK-160-SCR-D CUI-TS15-1212-70-BK-160-SCR-D Datasheet
376Kb / 4P
TACTILE SWITCH
04/13/2022
More results


Similar Description - TS15

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
03285 VICOR-03285 Datasheet
80Kb / 1P
CAPACITOR, CERAMIC DISC 4700pF, -20%, 250 VAC
logo
NTE Electronics
90000 NTE-90000 Datasheet
15Kb / 1P
1000V CERAMIC DISC
logo
Suntan Capacitors
TS16M SUNTAN-TS16M Datasheet
317Kb / 1P
HIGH VOLTAGE CERAMIC DISC CAPACITOR - MINI
logo
Dubilier
WD DUBILIER-WD Datasheet
359Kb / 6P
CERAMIC DISC
logo
Suntan Capacitors
TS15 SUNTAN-TS15_17 Datasheet
177Kb / 1P
CERAMIC DISC CAPACITOR
TS16M SUNTAN-TS16M_17 Datasheet
150Kb / 1P
HIGH VOLTAGE CERAMIC DISC CAPACITOR - MINI
logo
Vatronics Technologies ...
VCC VATRONICS-VCC Datasheet
56Kb / 2P
Ceramic Disc Capacitors
logo
List of Unclassifed Man...
POE-D10-00-E-13 ETC2-POE-D10-00-E-13 Datasheet
397Kb / 18P
CERAMIC DISC CAPACITOR SAFETY RECOGNIZED
logo
Vishay Siliconix
20VL VISHAY-20VL Datasheet
143Kb / 5P
EMI Suppression Capacitor, Ceramic Disc, Class X2, 400 VAC
23-Jul-2021
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com