Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV3227 Datasheet (PDF) - Analog Devices

Part # ADV3227
Description  750 MHz, 16 x 16 Analog Crosspoint Switch
File Size   606.99 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV3227 Datasheet (PDF) - Analog Devices



Similar Part No. - ADV3227

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV3220 AD-ADV3220 Datasheet
1Mb / 20P
800 MHz, 2:1 Analog Multiplexers
REV. 0
ADV3220-EVALZ AD-ADV3220-EVALZ Datasheet
1Mb / 20P
800 MHz, 2:1 Analog Multiplexers
REV. 0
ADV3220-EVALZ AD-ADV3220-EVALZ Datasheet
1Mb / 18P
800 MHz, 2:1 Analog Multiplexers
5/2016-Rev. 0 to Rev. A
ADV3220ACPZ AD-ADV3220ACPZ Datasheet
1Mb / 20P
800 MHz, 2:1 Analog Multiplexers
REV. 0
ADV3220ACPZ AD-ADV3220ACPZ Datasheet
1Mb / 18P
800 MHz, 2:1 Analog Multiplexers
5/2016-Rev. 0 to Rev. A
More results


Similar Description - ADV3227

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD75019 AD-AD75019 Datasheet
72Kb / 4P
16 x 16 Crosspoint Switch Array
AD8114 AD-AD8114 Datasheet
363Kb / 26P
Low Cost 225 MHz 16 X 16 Crosspoint Switches
AD8116 AD-AD8116 Datasheet
287Kb / 26P
200 MHz, 16 x 16 Buffered Video Crosspoint Switch
REV.A
AD8113JST AD-AD8113JST Datasheet
1Mb / 28P
Audio/Video 60 MHz 16 X 16, G = 2 Crosspoint Switch
4/03-Data Sheet changed from REV. 0 to REV. A.
ADV3202 AD-ADV3202 Datasheet
431Kb / 20P
300 MHz, 32 횞 16 Buffered Analog Crosspoint Switch
REV. 0
AD8116JSTZ AD-AD8116JSTZ Datasheet
955Kb / 29P
200 MHz, 16  16 Buffered Video Crosspoint Switch
REV. B
AD8104 AD-AD8104_15 Datasheet
1,017Kb / 36P
600 MHz, 32 16 Buffered Analog Crosspoint Switch
REV. 0
ADV3224 AD-ADV3224 Datasheet
670Kb / 24P
750 MHz, 16 x 8 Analog Crosspoint Switch
REV. B
ADV3228 AD-ADV3228 Datasheet
559Kb / 24P
750 MHz, 8 x 8 Analog Crosspoint Switch
REV. A
AD8104 AD-AD8104 Datasheet
879Kb / 36P
600 MHz, 32 x 16 Buffered Analog Crosspoint Switch
REV. A
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com