Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BY268 Datasheet (PDF) - Gulf Semiconductor

Part # BY268
Description  SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE:1400 CURRENT: 0.8A
File Size   133.88 Kbytes
Html View  1   2 
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor

BY268 Datasheet (PDF) - Gulf Semiconductor



Similar Part No. - BY268

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BY268 VISHAY-BY268 Datasheet
37Kb / 3P
Silicon Mesa Rectifiers
24-Jun-98
logo
Diodes Incorporated
BY268 DIODES-BY268 Datasheet
75Kb / 2P
0.8A FAST RECOVERY HIGH VOLTAGE GLASS BODY RECTIFIER
DS30035 Rev. A
logo
Vishay Siliconix
BY268 VISHAY-BY268 Datasheet
130Kb / 5P
Fast Avalanche Sinterglass Diode
13-Apr-05
BY268 VISHAY-BY268 Datasheet
119Kb / 4P
Fast Avalanche Sinterglass Diode
25-Aug-10
logo
New Jersey Semi-Conduct...
BY268 NJSEMI-BY268 Datasheet
128Kb / 2P
Fast Avalanche Sinterglass Diode
More results


Similar Description - BY268

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
BY268GP GULFSEMI-BY268GP Datasheet
148Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:1400 TO 1600V CURRENT: 0.8A
BYM26D GULFSEMI-BYM26D Datasheet
67Kb / 2P
SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE: 800V CURRENT: 2.3A
BYM26E GULFSEMI-BYM26E Datasheet
68Kb / 2P
SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE: 1000V CURRENT: 2.3A
BYM26G GULFSEMI-BYM26G Datasheet
72Kb / 2P
SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE: 1400V CURRENT: 2.3A
BYV36A GULFSEMI-BYV36A Datasheet
81Kb / 2P
SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE: 200V CURRENT: 1.6A
BYV36B GULFSEMI-BYV36B Datasheet
80Kb / 2P
SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE: 400V CURRENT: 1.6A
BYV36C GULFSEMI-BYV36C Datasheet
82Kb / 2P
SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE: 600V CURRENT: 1.6A
BYV95A GULFSEMI-BYV95A Datasheet
73Kb / 2P
SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE: 200V CURRENT: 1.5A
BYW178 GULFSEMI-BYW178 Datasheet
71Kb / 2P
SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE: 800V CURRENT: 3.0A
logo
Shenzhen Luguang Electr...
BYT54M LUGUANG-BYT54M Datasheet
238Kb / 2P
Sintered Glass Junction Fast Avalanche Rectifier
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com