Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTD5865N Datasheet (PDF) - ON Semiconductor

Part # NTD5865N
Description  N-Channel Power MOSFET 60 V, 38 A, 18 m
File Size   113.99 Kbytes
Html View  1   2   3   4   5   6   7 
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTD5865N Datasheet (PDF) - ON Semiconductor



Similar Part No. - NTD5865N

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
NTD5865N DOINGTER-NTD5865N Datasheet
2Mb / 5P
N-Channel MOSFET uses advanced trench technology
logo
Inchange Semiconductor ...
NTD5865N ISC-NTD5865N Datasheet
299Kb / 2P
isc N-Channel MOSFET Transistor
NTD5865N-1 ISC-NTD5865N-1 Datasheet
318Kb / 2P
isc N-Channel MOSFET Transistor
logo
VBsemi Electronics Co.,...
NTD5865N-1G VBSEMI-NTD5865N-1G Datasheet
977Kb / 7P
N-Channel 60 V (D-S) MOSFET
logo
ON Semiconductor
NTD5865NL ONSEMI-NTD5865NL Datasheet
275Kb / 7P
N-Channel Power MOSFET 60 V, 40 A, 16 m廓
June, 2010 -- Rev. 1
More results


Similar Description - NTD5865N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD5867NL ONSEMI-NTD5867NL Datasheet
144Kb / 7P
N-Channel Power MOSFET 60 V, 20 A, 39 m
March, 2010 ??Rev. 0
logo
Fairchild Semiconductor
FDS86540 FAIRCHILD-FDS86540 Datasheet
262Kb / 6P
N-Channel PowerTrench짰 MOSFET 60 V, 18 A, 4.5 m廓
logo
ON Semiconductor
NTD5862NT4G ONSEMI-NTD5862NT4G Datasheet
125Kb / 8P
N-Channel Power MOSFET 60 V, 98 A, 5.7 m
July, 2012 ??Rev. 2
logo
Fairchild Semiconductor
FQP20N06TSTU FAIRCHILD-FQP20N06TSTU Datasheet
721Kb / 8P
N-Channel QFET MOSFET 60 V, 20 A, 60 m
logo
ON Semiconductor
NVTYS010N04C ONSEMI-NVTYS010N04C Datasheet
336Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 12 m, 38 A
May, 2021 ??Rev. 0
NVMFS040N10MCL ONSEMI-NVMFS040N10MCL Datasheet
118Kb / 5P
MOSFET ??Power, Single N-Channel 100 V, 38 m, 21 A
December, 2021-Rev. 1
PCFA86561F ONSEMI-PCFA86561F Datasheet
224Kb / 7P
MOSFET ??Power, N-Channel 60 V, 0.95 m
July, 2021 ??Rev. 1
NVMYS010N04CL ONSEMI-NVMYS010N04CL Datasheet
339Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 10.3 m, 38 A
July, 2019 ??Rev. 0
NVLJWD040N06CL ONSEMI-NVLJWD040N06CL Datasheet
138Kb / 7P
MOSFET - Power, Dual N-Channel 60 V, 38 m, 18 A
July, 2022 - Rev. 1
NTB60N06 ONSEMI-NTB60N06 Datasheet
216Kb / 10P
MOSFET – Power, N-Channel, D2PAK 60 V, 60 A
May, 2019 - Rev. 0
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com