Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B1340 Datasheet (PDF) - Rohm

Part # B1340
Description  Power Transistor (120V, -6A)
File Size   38.74 Kbytes
Html View  1 
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

B1340 Datasheet (PDF) - Rohm



Similar Part No. - B1340

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
B1340 ISC-B1340 Datasheet
100Kb / 2P
isc Silicon PNP Darlington Power Transistor
More results


Similar Description - B1340

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2SC681 MOSPEC-2SC681 Datasheet
107Kb / 3P
POWER TRANSISTOR(6A,50W)
logo
Rohm
2SD1957 ROHM-2SD1957 Datasheet
39Kb / 1P
Power Transistor (120V, 7A)
2SB1236 ROHM-2SB1236 Datasheet
73Kb / 3P
Power Transistor (-120V , -1.5A)
2SB1674 ROHM-2SB1674 Datasheet
57Kb / 2P
For Motor / Relay drive (-120V, -6A)
2SC4132 ROHM-2SC4132 Datasheet
80Kb / 4P
Power Transistor (120V, 1.5A)
2SD2615 ROHM-2SD2615 Datasheet
56Kb / 2P
For Motor / Relay drive (120V, 6A)
2SD1857 ROHM-2SD1857_09 Datasheet
164Kb / 3P
Power Transistor (120V, 2A)
2SCR375P5 ROHM-2SCR375P5 Datasheet
1Mb / 9P
Middle Power Transistor(120V/1.5A)
2SAR587D3 ROHM-2SAR587D3 Datasheet
1Mb / 11P
PNP -3.0A -120V Power Transistor
2SCR587D3 ROHM-2SCR587D3 Datasheet
1Mb / 11P
NPN 3A 120V Power Transistor
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com