Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP2Y0D310K Datasheet (PDF) - Sharp Corporation

Part # GP2Y0D310K
Description  Distance Measuring Sensor Unit Digital output (100 mm) type
File Size   611.83 Kbytes
Html View  1   2   3   4   5   6   7   8   9 
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP2Y0D310K Datasheet (PDF) - Sharp Corporation



Similar Part No. - GP2Y0D310K

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP2Y0D340K SHARP-GP2Y0D340K Datasheet
36Kb / 4P
Compact Distance Measuring Sensors
GP2Y0D340K SHARP-GP2Y0D340K_06 Datasheet
614Kb / 9P
Distance Measuring Sensor Unit Digital output (400 mm) type
More results


Similar Description - GP2Y0D310K

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP2Y0A710K0F SHARP-GP2Y0A710K0F Datasheet
343Kb / 9P
Distance Measuring Sensor Unit Measuring distance: 100 to 550 cm Analog output type
GP2Y0A02YK0F SHARP-GP2Y0A02YK0F Datasheet
696Kb / 9P
Distance Measuring Sensor Unit Measuring distance: 20 to 150 cm Analog output type
GP2Y0A21YK0F SHARP-GP2Y0A21YK0F Datasheet
374Kb / 9P
Distance Measuring Sensor Unit Measuring distance: 10 to 80 cm Analog output type
GP2Y0D02YK0F SHARP-GP2Y0D02YK0F Datasheet
682Kb / 9P
Distance Measuring Sensor Unit Digital output (80 cm) type
GP2Y0D21YK0F SHARP-GP2Y0D21YK0F Datasheet
399Kb / 9P
Distance Measuring Sensor Unit Digital output (24 cm) type
GP2Y0D340K SHARP-GP2Y0D340K_06 Datasheet
614Kb / 9P
Distance Measuring Sensor Unit Digital output (400 mm) type
GP2Y0D413K0F SHARP-GP2Y0D413K0F Datasheet
1,011Kb / 9P
Distance Measuring Sensor Unit Digital output (13 cm) type
GP2Y0D805Z0F SHARP-GP2Y0D805Z0F Datasheet
375Kb / 9P
Distance Measuring Sensor Unit Digital output (50 mm) type
GP2Y0D810Z0F SHARP-GP2Y0D810Z0F Datasheet
374Kb / 9P
Distance Measuring Sensor Unit Digital output (100 mm) type
GP2Y0A41SK0F SHARP-GP2Y0A41SK0F_V01 Datasheet
864Kb / 9P
Distance Measuring Sensor Unit Measuring distance : 4 to 30 cm Analog output type
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com