Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFS0103-SB Datasheet (PDF) - Mimix Broadband

Part # CFS0103-SB
Description  0.1-10.0 GHz Low Noise, Medium Power
File Size   244.0 Kbytes
Html View  1   2   3   4   5   6   7   8 
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

CFS0103-SB Datasheet (PDF) - Mimix Broadband



Similar Part No. - CFS0103-SB

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CFS0103-SB MIMIX-CFS0103-SB Datasheet
238Kb / 8P
0.1-10.0 GHz Low Noise, Medium Power pHEMT in a Surface Mount Plastic Package
CFS0103-SB-0G00 MIMIX-CFS0103-SB-0G00 Datasheet
238Kb / 8P
0.1-10.0 GHz Low Noise, Medium Power pHEMT in a Surface Mount Plastic Package
CFS0103-SB-0G0T MIMIX-CFS0103-SB-0G0T Datasheet
238Kb / 8P
0.1-10.0 GHz Low Noise, Medium Power pHEMT in a Surface Mount Plastic Package
More results


Similar Description - CFS0103-SB

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CFS0303-SB MIMIX-CFS0303-SB Datasheet
324Kb / 17P
0.1-10.0 GHz Low Noise, Medium Power pHEMT in a Surface Mount Plastic Package
logo
SIRENZA MICRODEVICES
SPF-2086TK SIRENZA-SPF-2086TK Datasheet
583Kb / 5P
Low Noise pHEMT GaAs FET 0.1 - 6 GHz Operation
logo
Mimix Broadband
CFS0103-SB MIMIX-CFS0103-SB Datasheet
238Kb / 8P
0.1-10.0 GHz Low Noise, Medium Power pHEMT in a Surface Mount Plastic Package
CFS0303-SB MIMIX-CFS0303-SB_07 Datasheet
418Kb / 17P
0.1-10.0 GHz Low Noise, Medium Power pHEMT in a Surface Mount Plastic Package
logo
HBH Microwave GmbH
HA6006 HBH-HA6006 Datasheet
26Kb / 1P
10.0 - 13.0 GHz Low Noise Amplifier
logo
Mimix Broadband
CFS0303-SB MIMIX-CFS0303-SB_08 Datasheet
423Kb / 17P
0.1-10.0 GHz Low Noise, Medium Power
logo
Guerrilla RF, Inc.
GRF2004 GUERRILLA-GRF2004 Datasheet
711Kb / 11P
Broadband Gain Block 0.1 to 10.0 GHz
logo
Analog Devices
HMC862A AD-HMC862A Datasheet
478Kb / 15P
0.1 GHz to 24 GHz, Low Noise, Programmable Divider
4/2019-Rev. 0 to Rev. A
logo
Qorvo, Inc
QPL9547 QORVO-QPL9547 Datasheet
1Mb / 11P
0.1 -6 GHz Ultra Low-Noise LNA
June 02, 2020
logo
Analog Devices
HMC8414 AD-HMC8414 Datasheet
3Mb / 34P
Low Noise Amplifier with Bypass Switch 0.1 GHz to 10 GHz
Rev. 0
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com