Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HA6006 Datasheet (PDF) - HBH Microwave GmbH

HA6006 Datasheet PDF - HBH Microwave GmbH
Part # HA6006
Download  HA6006 Download
File Size   26.26 Kbytes
Page   1 Pages
Manufacturer  HBH [HBH Microwave GmbH]
Direct Link  http://www.hbhmw.de/
Logo HBH - HBH Microwave GmbH
Description 10.0 - 13.0 GHz Low Noise Amplifier

HA6006 Datasheet (PDF)

Go To PDF Page Download Datasheet
HA6006 Datasheet PDF - HBH Microwave GmbH

Part # HA6006
Download  HA6006 Click to download

File Size   26.26 Kbytes
Page   1 Pages
Manufacturer  HBH [HBH Microwave GmbH]
Direct Link  http://www.hbhmw.de/
Logo HBH - HBH Microwave GmbH
Description 10.0 - 13.0 GHz Low Noise Amplifier

HA6006 Datasheet (HTML) - HBH Microwave GmbH




Similar Part No. - HA6006

ManufacturerPart #DatasheetDescription
logo
HBH Microwave GmbH
HA6001 HBH-HA6001 Datasheet
20Kb / 1P
5.0 - 15.0 GHz Broadband Amplifier
HA6002 HBH-HA6002 Datasheet
14Kb / 1P
14.0 - 16.4 GHz Amplifier
HA6003 HBH-HA6003 Datasheet
20Kb / 1P
6 - 13 GHz Broadband Low Noise Amplifier
HA6004 HBH-HA6004 Datasheet
20Kb / 1P
8.0 - 18.0 GHz Broadband Power Amplifier
HA6005 HBH-HA6005 Datasheet
12Kb / 1P
9.0 - 11.0 GHz High Power Amplifier
More results


Similar Description - HA6006

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
12DBL0409 MIMIX-12DBL0409 Datasheet
311Kb / 6P
10.0-13.0/20.0-26.0 GHz GaAs MMIC Active Doubler
logo
Tyco Electronics
MAAPGM0019 MACOM-MAAPGM0019 Datasheet
217Kb / 6P
9.8-13.0 GHz 1.6 W Power Amplifier
logo
Mimix Broadband
XX1004-BD MIMIX-XX1004-BD Datasheet
227Kb / 6P
10.0-13.0/20.0-26.0 GHz GaAs MMIC Active Doubler
logo
Hittite Microwave Corpo...
HMC592 HITTITE-HMC592 Datasheet
379Kb / 8P
GaAs PHEMT MMIC 1 WATT POWER AMPLIFIER, 10.0 - 13.0 GHz
logo
Tyco Electronics
MAAPGM0057-DIE MACOM-MAAPGM0057-DIE Datasheet
336Kb / 6P
2.0-13.0 GHz 1.2 W Power Amplifier
logo
HBH Microwave GmbH
HA6007 HBH-HA6007 Datasheet
25Kb / 1P
10.0 - 13.0 GHz Variable Gain Amplifier
logo
Excelics Semiconductor,...
RFMA1315-1W EXCELICS-RFMA1315-1W Datasheet
89Kb / 2P
13.0 - 15.0 GHz Power Amplifier MMIC
logo
Mimix Broadband
CFS0103-SB MIMIX-CFS0103-SB_08 Datasheet
244Kb / 8P
0.1-10.0 GHz Low Noise, Medium Power
CFS0303-SB MIMIX-CFS0303-SB_08 Datasheet
423Kb / 17P
0.1-10.0 GHz Low Noise, Medium Power
logo
Torex Semiconductor
XC2401A8167R-G-12 TOREX-XC2401A8167R-G-12 Datasheet
334Kb / 16P
1.6 GHz Low Noise Amplifier
More results




About HBH Microwave GmbH


HBH Microwave GmbH is a leading manufacturer of high-quality microwave components and subsystems for the telecommunications, aerospace, defense, and scientific research industries. The company was founded in Germany in 1996 and has since established itself as a trusted provider of advanced microwave technologies.

HBH Microwave's product portfolio includes a wide range of microwave components, such as amplifiers, mixers, filters, couplers, and antennas. The company also offers customized solutions for specific applications, including subsystems and integrated microwave assemblies.

The company's engineering team has extensive experience in developing advanced microwave technologies for demanding applications. They work closely with customers to understand their requirements and develop customized solutions that meet their specific needs.

HBH Microwave has a strong focus on quality and reliability. The company's products are manufactured to the highest standards and undergo rigorous testing to ensure their performance and reliability. They are also designed to meet the demanding requirements of military and aerospace applications.

Overall, HBH Microwave is a trusted provider of high-quality microwave components and subsystems. Its commitment to innovation, quality, and customer service has earned it a strong reputation in the industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com