Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HA6001 Datasheet (PDF) - HBH Microwave GmbH

HA6001 Datasheet PDF - HBH Microwave GmbH
Part # HA6001
Download  HA6001 Download
File Size   20.75 Kbytes
Page   1 Pages
Manufacturer  HBH [HBH Microwave GmbH]
Direct Link  http://www.hbhmw.de/
Logo HBH - HBH Microwave GmbH
Description 5.0 - 15.0 GHz Broadband Amplifier

HA6001 Datasheet (PDF)

Go To PDF Page Download Datasheet
HA6001 Datasheet PDF - HBH Microwave GmbH

Part # HA6001
Download  HA6001 Click to download

File Size   20.75 Kbytes
Page   1 Pages
Manufacturer  HBH [HBH Microwave GmbH]
Direct Link  http://www.hbhmw.de/
Logo HBH - HBH Microwave GmbH
Description 5.0 - 15.0 GHz Broadband Amplifier

HA6001 Datasheet (HTML) - HBH Microwave GmbH




Similar Part No. - HA6001

ManufacturerPart #DatasheetDescription
logo
HBH Microwave GmbH
HA6002 HBH-HA6002 Datasheet
14Kb / 1P
14.0 - 16.4 GHz Amplifier
HA6003 HBH-HA6003 Datasheet
20Kb / 1P
6 - 13 GHz Broadband Low Noise Amplifier
HA6004 HBH-HA6004 Datasheet
20Kb / 1P
8.0 - 18.0 GHz Broadband Power Amplifier
HA6005 HBH-HA6005 Datasheet
12Kb / 1P
9.0 - 11.0 GHz High Power Amplifier
HA6006 HBH-HA6006 Datasheet
26Kb / 1P
10.0 - 13.0 GHz Low Noise Amplifier
More results


Similar Description - HA6001

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
ABA-31563 HP-ABA-31563 Datasheet
103Kb / 8P
3.5 GHz Broadband Silicon RFIC Amplifier
ABA-51563 HP-ABA-51563 Datasheet
103Kb / 8P
3.5 GHz Broadband Silicon RFIC Amplifier
ABA-52563 HP-ABA-52563 Datasheet
96Kb / 8P
3.5 GHz Broadband Silicon RFIC Amplifier
logo
Tyco Electronics
MAAPGM0040 MACOM-MAAPGM0040 Datasheet
215Kb / 6P
11.0-15.0 GHz 0.5 W Power Amplifier
MAAPGM0041 MACOM-MAAPGM0041 Datasheet
216Kb / 5P
Amplifier, Power, 1.3W 11.5 - 15.0 GHz
MAAMGM0003-DIE MACOM-MAAMGM0003-DIE Datasheet
269Kb / 7P
0.4W Variable Distributed Amplifier 1.0 - 15.0 GHz
MAAPGM0016-DIE MACOM-MAAPGM0016-DIE Datasheet
266Kb / 5P
5W Ku-Band Power Amplifier 12.0-15.0 GHz
logo
HBH Microwave GmbH
HA3001 HBH-HA3001 Datasheet
33Kb / 4P
2.0 - 4.0 GHz Broadband Amplifier
logo
Excelics Semiconductor,...
RFMA1315-1W EXCELICS-RFMA1315-1W Datasheet
89Kb / 2P
13.0 - 15.0 GHz Power Amplifier MMIC
logo
Teledyne Technologies I...
A2CP11039 TELEDYNE-A2CP11039 Datasheet
81Kb / 1P
5.0-10.0 GHz COUGARPAK??AMPLIFIER
More results




About HBH Microwave GmbH


HBH Microwave GmbH is a leading manufacturer of high-quality microwave components and subsystems for the telecommunications, aerospace, defense, and scientific research industries. The company was founded in Germany in 1996 and has since established itself as a trusted provider of advanced microwave technologies.

HBH Microwave's product portfolio includes a wide range of microwave components, such as amplifiers, mixers, filters, couplers, and antennas. The company also offers customized solutions for specific applications, including subsystems and integrated microwave assemblies.

The company's engineering team has extensive experience in developing advanced microwave technologies for demanding applications. They work closely with customers to understand their requirements and develop customized solutions that meet their specific needs.

HBH Microwave has a strong focus on quality and reliability. The company's products are manufactured to the highest standards and undergo rigorous testing to ensure their performance and reliability. They are also designed to meet the demanding requirements of military and aerospace applications.

Overall, HBH Microwave is a trusted provider of high-quality microwave components and subsystems. Its commitment to innovation, quality, and customer service has earned it a strong reputation in the industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com