Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HA6002 Datasheet (PDF) - HBH Microwave GmbH

HA6002 Datasheet PDF - HBH Microwave GmbH
Part # HA6002
Download  HA6002 Download
File Size   14.12 Kbytes
Page   1 Pages
Manufacturer  HBH [HBH Microwave GmbH]
Direct Link  http://www.hbhmw.de/
Logo HBH - HBH Microwave GmbH
Description 14.0 - 16.4 GHz Amplifier

HA6002 Datasheet (PDF)

Go To PDF Page Download Datasheet
HA6002 Datasheet PDF - HBH Microwave GmbH

Part # HA6002
Download  HA6002 Click to download

File Size   14.12 Kbytes
Page   1 Pages
Manufacturer  HBH [HBH Microwave GmbH]
Direct Link  http://www.hbhmw.de/
Logo HBH - HBH Microwave GmbH
Description 14.0 - 16.4 GHz Amplifier

HA6002 Datasheet (HTML) - HBH Microwave GmbH




Similar Part No. - HA6002

ManufacturerPart #DatasheetDescription
logo
HBH Microwave GmbH
HA6001 HBH-HA6001 Datasheet
20Kb / 1P
5.0 - 15.0 GHz Broadband Amplifier
HA6003 HBH-HA6003 Datasheet
20Kb / 1P
6 - 13 GHz Broadband Low Noise Amplifier
HA6004 HBH-HA6004 Datasheet
20Kb / 1P
8.0 - 18.0 GHz Broadband Power Amplifier
HA6005 HBH-HA6005 Datasheet
12Kb / 1P
9.0 - 11.0 GHz High Power Amplifier
HA6006 HBH-HA6006 Datasheet
26Kb / 1P
10.0 - 13.0 GHz Low Noise Amplifier
More results


Similar Description - HA6002

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CMM0511-QT MIMIX-CMM0511-QT Datasheet
446Kb / 6P
5.0-14.0 GHz GaAs MMIC Packaged Driver Amplifier
XB1009-BD MIMIX-XB1009-BD Datasheet
273Kb / 7P
14.0-30.0 GHz GaAs MMIC Buffer Amplifier
CMM0511-QT MIMIX-CMM0511-QT_08 Datasheet
443Kb / 6P
5.0-14.0 GHz GaAs MMIC Packaged Driver Amplifier
logo
HBH Microwave GmbH
HA6010 HBH-HA6010 Datasheet
25Kb / 1P
14.0 - 16.0 GHz High Power Amplifier
logo
M/A-COM Technology Solu...
AM42-0007-DIE MA-COM-AM42-0007-DIE Datasheet
252Kb / 3P
GaAs MMIC Power Amplifier, 2 W 14.0 - 14.5 GHz
logo
Teledyne Technologies I...
ACP14012 TELEDYNE-ACP14012 Datasheet
148Kb / 2P
6.0 TO 14.0 GHz COUGARPAK AMPLIFIER
ACP14016 TELEDYNE-ACP14016 Datasheet
149Kb / 2P
6.0 TO 14.0 GHz COUGARPAK AMPLIFIER
ACP14021 TELEDYNE-ACP14021 Datasheet
146Kb / 2P
6.0 TO 14.0 GHz COUGARPAK AMPLIFIER
ACP14025 TELEDYNE-ACP14025 Datasheet
159Kb / 2P
8.0 TO 14.0 GHz, Half Watt COUGARPAK AMPLIFIER
ACP14029 TELEDYNE-ACP14029 Datasheet
103Kb / 1P
8.0 TO 14.0 GHz COUGARPAK AMPLIFIER
More results




About HBH Microwave GmbH


HBH Microwave GmbH is a leading manufacturer of high-quality microwave components and subsystems for the telecommunications, aerospace, defense, and scientific research industries. The company was founded in Germany in 1996 and has since established itself as a trusted provider of advanced microwave technologies.

HBH Microwave's product portfolio includes a wide range of microwave components, such as amplifiers, mixers, filters, couplers, and antennas. The company also offers customized solutions for specific applications, including subsystems and integrated microwave assemblies.

The company's engineering team has extensive experience in developing advanced microwave technologies for demanding applications. They work closely with customers to understand their requirements and develop customized solutions that meet their specific needs.

HBH Microwave has a strong focus on quality and reliability. The company's products are manufactured to the highest standards and undergo rigorous testing to ensure their performance and reliability. They are also designed to meet the demanding requirements of military and aerospace applications.

Overall, HBH Microwave is a trusted provider of high-quality microwave components and subsystems. Its commitment to innovation, quality, and customer service has earned it a strong reputation in the industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com