Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HA6003 Datasheet (PDF) - HBH Microwave GmbH

HA6003 Datasheet PDF - HBH Microwave GmbH
Part # HA6003
Download  HA6003 Download
File Size   20.2 Kbytes
Page   1 Pages
Manufacturer  HBH [HBH Microwave GmbH]
Direct Link  http://www.hbhmw.de/
Logo HBH - HBH Microwave GmbH
Description 6 - 13 GHz Broadband Low Noise Amplifier

HA6003 Datasheet (PDF)

Go To PDF Page Download Datasheet
HA6003 Datasheet PDF - HBH Microwave GmbH

Part # HA6003
Download  HA6003 Click to download

File Size   20.2 Kbytes
Page   1 Pages
Manufacturer  HBH [HBH Microwave GmbH]
Direct Link  http://www.hbhmw.de/
Logo HBH - HBH Microwave GmbH
Description 6 - 13 GHz Broadband Low Noise Amplifier

HA6003 Datasheet (HTML) - HBH Microwave GmbH




Similar Part No. - HA6003

ManufacturerPart #DatasheetDescription
logo
HBH Microwave GmbH
HA6001 HBH-HA6001 Datasheet
20Kb / 1P
5.0 - 15.0 GHz Broadband Amplifier
HA6002 HBH-HA6002 Datasheet
14Kb / 1P
14.0 - 16.4 GHz Amplifier
HA6004 HBH-HA6004 Datasheet
20Kb / 1P
8.0 - 18.0 GHz Broadband Power Amplifier
HA6005 HBH-HA6005 Datasheet
12Kb / 1P
9.0 - 11.0 GHz High Power Amplifier
HA6006 HBH-HA6006 Datasheet
26Kb / 1P
10.0 - 13.0 GHz Low Noise Amplifier
More results


Similar Description - HA6003

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA8399B TRIQUINT-TGA8399B Datasheet
281Kb / 4P
6-13 GHz Low Noise Amplifier
logo
Teledyne Technologies I...
CLA-13-6012 TELEDYNE-CLA-13-6012 Datasheet
898Kb / 2P
Low Noise Amplifier 6 GHz - 13 GHz
CLA-13-6013 TELEDYNE-CLA-13-6013 Datasheet
898Kb / 2P
Low Noise Amplifier 6 GHz - 13 GHz
CLA-13-6014 TELEDYNE-CLA-13-6014 Datasheet
898Kb / 2P
Low Noise Amplifier 6 GHz - 13 GHz
CLA-13-6015 TELEDYNE-CLA-13-6015 Datasheet
896Kb / 2P
Low Noise Amplifier 6 GHz - 13 GHz
TLA-13-6012 TELEDYNE-TLA-13-6012 Datasheet
893Kb / 2P
Low Noise Amplifier 6 GHz - 13 GHz
TLA-13-6013 TELEDYNE-TLA-13-6013 Datasheet
893Kb / 2P
Low Noise Amplifier 6 GHz - 13 GHz
TLA-13-6014 TELEDYNE-TLA-13-6014 Datasheet
893Kb / 2P
Low Noise Amplifier 6 GHz - 13 GHz
TLA-13-6015 TELEDYNE-TLA-13-6015 Datasheet
891Kb / 2P
Low Noise Amplifier 6 GHz - 13 GHz
logo
TriQuint Semiconductor
TGA8399B-SCC TRIQUINT-TGA8399B-SCC Datasheet
211Kb / 8P
6-13 GHz Low Noise Amplifier
More results




About HBH Microwave GmbH


HBH Microwave GmbH is a leading manufacturer of high-quality microwave components and subsystems for the telecommunications, aerospace, defense, and scientific research industries. The company was founded in Germany in 1996 and has since established itself as a trusted provider of advanced microwave technologies.

HBH Microwave's product portfolio includes a wide range of microwave components, such as amplifiers, mixers, filters, couplers, and antennas. The company also offers customized solutions for specific applications, including subsystems and integrated microwave assemblies.

The company's engineering team has extensive experience in developing advanced microwave technologies for demanding applications. They work closely with customers to understand their requirements and develop customized solutions that meet their specific needs.

HBH Microwave has a strong focus on quality and reliability. The company's products are manufactured to the highest standards and undergo rigorous testing to ensure their performance and reliability. They are also designed to meet the demanding requirements of military and aerospace applications.

Overall, HBH Microwave is a trusted provider of high-quality microwave components and subsystems. Its commitment to innovation, quality, and customer service has earned it a strong reputation in the industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com