Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFMA1315-1W Datasheet (PDF) - Excelics Semiconductor, Inc.

RFMA1315-1W Datasheet PDF - Excelics Semiconductor, Inc.
Part # RFMA1315-1W
Download  RFMA1315-1W Download
File Size   89.01 Kbytes
Page   2 Pages
Manufacturer  EXCELICS [Excelics Semiconductor, Inc.]
Direct Link  
Logo EXCELICS - Excelics Semiconductor, Inc.
Description 13.0 - 15.0 GHz Power Amplifier MMIC

RFMA1315-1W Datasheet (PDF)

Go To PDF Page Download Datasheet
RFMA1315-1W Datasheet PDF - Excelics Semiconductor, Inc.

Part # RFMA1315-1W
Download  RFMA1315-1W Click to download

File Size   89.01 Kbytes
Page   2 Pages
Manufacturer  EXCELICS [Excelics Semiconductor, Inc.]
Direct Link  
Logo EXCELICS - Excelics Semiconductor, Inc.
Description 13.0 - 15.0 GHz Power Amplifier MMIC

RFMA1315-1W Datasheet (HTML) - Excelics Semiconductor, Inc.




Similar Part No. - RFMA1315-1W

ManufacturerPart #DatasheetDescription
logo
Excelics Semiconductor,...
RFMA1314-1W EXCELICS-RFMA1314-1W Datasheet
117Kb / 3P
13.75 - 14.50 GHz Power Amplifier MMIC
RFMA1314-2W EXCELICS-RFMA1314-2W Datasheet
97Kb / 2P
13.75 - 14.50 GHz Power Amplifier MMIC
More results


Similar Description - RFMA1315-1W

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
18KWR0327 MIMIX-18KWR0327 Datasheet
130Kb / 6P
13.0-25.0 GHz GaAs MMIC Image Reject Mixer
logo
Tyco Electronics
MAAPGM0019 MACOM-MAAPGM0019 Datasheet
217Kb / 6P
9.8-13.0 GHz 1.6 W Power Amplifier
MAAPGM0040 MACOM-MAAPGM0040 Datasheet
215Kb / 6P
11.0-15.0 GHz 0.5 W Power Amplifier
MAAPGM0041 MACOM-MAAPGM0041 Datasheet
216Kb / 5P
Amplifier, Power, 1.3W 11.5 - 15.0 GHz
logo
Mimix Broadband
XM1006-BD MIMIX-XM1006-BD Datasheet
315Kb / 6P
13.0-25.0 GHz GaAs MMIC Image Reject Mixer
logo
Hittite Microwave Corpo...
HMC592 HITTITE-HMC592 Datasheet
379Kb / 8P
GaAs PHEMT MMIC 1 WATT POWER AMPLIFIER, 10.0 - 13.0 GHz
logo
Tyco Electronics
MAAPGM0057-DIE MACOM-MAAPGM0057-DIE Datasheet
336Kb / 6P
2.0-13.0 GHz 1.2 W Power Amplifier
logo
HBH Microwave GmbH
HA6001 HBH-HA6001 Datasheet
20Kb / 1P
5.0 - 15.0 GHz Broadband Amplifier
HA6006 HBH-HA6006 Datasheet
26Kb / 1P
10.0 - 13.0 GHz Low Noise Amplifier
HA6007 HBH-HA6007 Datasheet
25Kb / 1P
10.0 - 13.0 GHz Variable Gain Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com