Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFMA1315-1W Datasheet(PDF) 1 Page - Excelics Semiconductor, Inc.

Part # RFMA1315-1W
Description  13.0 - 15.0 GHz Power Amplifier MMIC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELICS [Excelics Semiconductor, Inc.]
Direct Link  
Logo EXCELICS - Excelics Semiconductor, Inc.

RFMA1315-1W Datasheet(HTML) 1 Page - Excelics Semiconductor, Inc.

  RFMA1315-1W Datasheet HTML 1Page - Excelics Semiconductor, Inc. RFMA1315-1W Datasheet HTML 2Page - Excelics Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RFMA1315-1W
ISSUED 11/18/2005
13.0 – 15.0 GHz Power Amplifier MMIC
Specifications are subject to change without notice.
Excelics Semiconductor, Inc. 310 De Guigne Drive, Sunnyvale, CA 94085
page 1 of 2
Phone: 408-737-1711 Fax: 408-737-1868 Web: www.excelics.com
Revised November 2005
Vg
N/C
RF IN
RF OUT
-1W-03
Vd
Excelics
RFMA1315
Vd
Different Packages Are Available
FEATURES
•
13.0– 15.0GHz Operating Frequency Range
•
29.5dBm Output Power at 1dB Compression
•
30.0 dB Typical Small Signal Gain
•
-41dBc Typical OIM3 @ each tone Pout 18.5dBm
APPLICATIONS
•
Point-to-point and point-to-multipoint radio
•
Military Radar Systems
Caution! ESD sensitive device.
ELECTRICAL CHARACTERISTICS (Ta = 25 °C, 50 ohm, Vdd=7V, Vgg=-5V)
SYMBOL
PARAMETER/TEST CONDITIONS
MIN
TYP
MAX
UNITS
F
Operating Frequency Range
13.0
15.0
GHz
P1dB
Output Power at 1dB Gain Compression
28.5
29.5
dBm
GSS
Small Signal Gain
27.0
30.0
dB
OIMD3
Output 3
rd Order Intermodulation Distortion
@∆f=10MHz, Each Tone Pout 18.5dBm
-41
-38
dBc
Input RL
Input Return Loss
-10
-7
dB
Output RL
Output Return Loss
-12
-10
dB
Idd
Drain Current
900
1050
mA
Vdd
Drain Supply Voltage
7
8
V
Rth
Thermal Resistance (Au-Sn Eutectic Attach)
7
oC/W
Tb
Operating Base Plate Temperature
-30
+80
ºC
MAXIMUM RATINGS @25°C
SYMBOL
CHARACTERISTIC
ABSOLUTE
CONTINUOUS
1,2
VDD
Drain Supply Voltage
12V
8V
VGG
Gate Supply Voltage
-8V
-3V
IDD
Drain Current
Idss
1.1A
IGG
Gate Current
60mA
10 mA
PIN
Input Power
20dBm
@ 3dB compression
TCH
Channel Temperature
175°C
150°C
TSTG
Storage Temperature
-65/175°C
-65/150°C
PT
Total Power Dissipation
15.0W
12.6W
1. Operating the device beyond any of the above rating may result in permanent damage.
2. Bias conditions must also satisfy the following equation Vdd*Idd < (TCH –Tb)/RTH; where Tb = operating base plate temperature


Similar Part No. - RFMA1315-1W

ManufacturerPart #DatasheetDescription
logo
Excelics Semiconductor,...
RFMA1314-1W EXCELICS-RFMA1314-1W Datasheet
117Kb / 3P
13.75 - 14.50 GHz Power Amplifier MMIC
RFMA1314-2W EXCELICS-RFMA1314-2W Datasheet
97Kb / 2P
13.75 - 14.50 GHz Power Amplifier MMIC
More results

Similar Description - RFMA1315-1W

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
18KWR0327 MIMIX-18KWR0327 Datasheet
130Kb / 6P
13.0-25.0 GHz GaAs MMIC Image Reject Mixer
logo
Tyco Electronics
MAAPGM0019 MACOM-MAAPGM0019 Datasheet
217Kb / 6P
9.8-13.0 GHz 1.6 W Power Amplifier
MAAPGM0040 MACOM-MAAPGM0040 Datasheet
215Kb / 6P
11.0-15.0 GHz 0.5 W Power Amplifier
MAAPGM0041 MACOM-MAAPGM0041 Datasheet
216Kb / 5P
Amplifier, Power, 1.3W 11.5 - 15.0 GHz
logo
Mimix Broadband
XM1006-BD MIMIX-XM1006-BD Datasheet
315Kb / 6P
13.0-25.0 GHz GaAs MMIC Image Reject Mixer
logo
Hittite Microwave Corpo...
HMC592 HITTITE-HMC592 Datasheet
379Kb / 8P
GaAs PHEMT MMIC 1 WATT POWER AMPLIFIER, 10.0 - 13.0 GHz
logo
Tyco Electronics
MAAPGM0057-DIE MACOM-MAAPGM0057-DIE Datasheet
336Kb / 6P
2.0-13.0 GHz 1.2 W Power Amplifier
logo
HBH Microwave GmbH
HA6001 HBH-HA6001 Datasheet
20Kb / 1P
5.0 - 15.0 GHz Broadband Amplifier
HA6006 HBH-HA6006 Datasheet
26Kb / 1P
10.0 - 13.0 GHz Low Noise Amplifier
HA6007 HBH-HA6007 Datasheet
25Kb / 1P
10.0 - 13.0 GHz Variable Gain Amplifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com