Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XP1035-BD Datasheet (PDF) - Mimix Broadband

Part # XP1035-BD
Description  5.9-9.5 GHz GaAs MMIC
File Size   1592.57 Kbytes
Html View  1 
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XP1035-BD Datasheet (PDF) - Mimix Broadband



Similar Part No. - XP1035-BD_08

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
XP1035-BD MA-COM-XP1035-BD_15 Datasheet
1Mb / 1P
Linear Power Amplifier
More results


Similar Description - XP1035-BD_08

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM42-0040 MACOM-AM42-0040 Datasheet
40Kb / 4P
GaAs MMIC VSAT Power Amplifier, 2W 5.9 - 6.4 GHz
logo
Hittite Microwave Corpo...
HMC256 HITTITE-HMC256 Datasheet
145Kb / 6P
GaAs MMIC I/Q MIXER 5.9 - 12 GHz
HMC415LP3 HITTITE-HMC415LP3 Datasheet
309Kb / 8P
GaAs InGaP HBT MMIC POWER AMPLIFIER, 4.9 - 5.9 GHz
HMC436MS8G HITTITE-HMC436MS8G Datasheet
294Kb / 6P
GaAs MMIC DPDT DIVERSITY SWITCH, 4.9 - 5.9 GHz
HMC256 HITTITE-HMC256_07 Datasheet
134Kb / 5P
GaAs MMIC I/Q MIXER 5.9 - 12 GHz
logo
Mimix Broadband
XP1035-BD MIMIX-XP1035-BD Datasheet
1Mb / 1P
5.9-9.5 GHz GaAs MMIC Linear Power Amplifier
logo
Hittite Microwave Corpo...
HMC256 HITTITE-HMC256_09 Datasheet
163Kb / 6P
GaAs MMIC I/Q MIXER 5.9 - 12 GHz
HMC415LP3 HITTITE-HMC415LP3_09 Datasheet
278Kb / 8P
GaAs InGaP HBT MMIC POWER AMPLIFIER, 4.9 - 5.9 GHz
HMC590LP5 HITTITE-HMC590LP5_09 Datasheet
279Kb / 8P
GaAs PHEMT MMIC 1 WATT POWER AMPLIFIER, 6.0 - 9.5 GHz
logo
M/A-COM Technology Solu...
XP1035-BD MA-COM-XP1035-BD Datasheet
1Mb / 1P
5.9-9.5 GHz GaAs MMIC
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com