Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXGA14N120B Datasheet (PDF) - IXYS Corporation

Part # IXGA14N120B
Description  IGBT Optimized for switching up to 35 KHz
File Size   156.72 Kbytes
Html View  1   2   3   4   5 
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGA14N120B Datasheet (PDF) - IXYS Corporation



Similar Part No. - IXGA14N120B

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGA10N60 IXYS-IXGA10N60 Datasheet
56Kb / 2P
Low VCE(sat) IGBT, High speed IGBT
IXGA10N60A IXYS-IXGA10N60A Datasheet
56Kb / 2P
Low VCE(sat) IGBT, High speed IGBT
IXGA12N100 IXYS-IXGA12N100 Datasheet
51Kb / 2P
IGBT
IXGA12N100A IXYS-IXGA12N100A Datasheet
51Kb / 2P
IGBT
IXGA12N100AU1 IXYS-IXGA12N100AU1 Datasheet
116Kb / 4P
IGBT - Combi Pack
More results


Similar Description - IXGA14N120B

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGH60N60B2 IXYS-IXGH60N60B2 Datasheet
579Kb / 5P
Optimized for 10-25 kHz hard switching and up to 100 KHz resonant switching
IXGA12N120A2 IXYS-IXGA12N120A2 Datasheet
584Kb / 5P
IGBT Optimized for switching up to 5KHz
logo
STMicroelectronics
VIPER50A-22-E STMICROELECTRONICS-VIPER50A-22-E Datasheet
353Kb / 31P
ADJUSTABLE SWITCHING FREQUENCY UP TO 200 kHz
26-Sep-2005
logo
IXYS Corporation
IXYN82N120C3H1 IXYS-IXYN82N120C3H1 Datasheet
192Kb / 7P
High-Speed IGBT for 20-50 kHz Switching
IXYP30N120C3 IXYS-IXYP30N120C3 Datasheet
186Kb / 6P
High-Speed IGBT for 20-50 kHz Switching
IXGP30N60B2 IXYS-IXGP30N60B2 Datasheet
554Kb / 5P
Optimized for 10-25 KHz hard switching and up to 150 KHz resonant switching
logo
Vishay Siliconix
VS-GB75LA60UF VISHAY-VS-GB75LA60UF Datasheet
203Kb / 9P
Higher switching frequency up to 150 kHz
17-Oct-16
VS-GB75NA60UF VISHAY-VS-GB75NA60UF Datasheet
192Kb / 9P
Higher switching frequency up to 150 kHz
17-Oct-16
logo
IXYS Corporation
IXYH24N90C3 IXYS-IXYH24N90C3 Datasheet
214Kb / 6P
High-Speed IGBT for 20-50 kHz Switching
IXGN80N60A2 IXYS-IXGN80N60A2 Datasheet
530Kb / 2P
Optimized for Switching up to 5 kHz
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com