| Manufacturer | Part # | Datasheet | Description |
 STMicroelectronics |
L6932
|
355Kb / 10P |
HIGH PERFORMANCE 2A ULDO LINEAR REGULATOR
Feb-2003 |
|
L6932
|
353Kb / 11P |
HIGH PERFORMANCE 2A ULDO LINEAR REGULATOR
Dec-2005 |
|
L6932H12
|
259Kb / 13P |
High performance 2A ULDO linear regulator
07-May-2007 |
 Intersil Corporation |
ISL80102
|
623Kb / 16P |
High Performance 2A and 3A LDOs
September 30, 2009 |
|
ISL80102
|
621Kb / 15P |
High Performance 2A and 3A Linear Regulators
March 22, 2010 |
|
ISL80102
|
729Kb / 16P |
High Performance 2A and 3A Linear Regulators
June 14, 2013 |
|
ISL80102IRAJZ
|
746Kb / 16P |
High Performance 2A and 3A Linear Regulators
June 14, 2013 |
 Renesas Technology Corp |
ISL80102
|
1Mb / 17P |
High Performance 2A and 3A Linear Regulators
|
 Maxim Integrated Produc... |
MAX38909
|
1Mb / 20P |
2A High-Performance nMOS LDO Linear Regulator
19-100950; Rev 1; 11/20 |
|
MAX38907
|
1Mb / 25P |
4A, High-Performance LDO Linear Regulators
2020 |