Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC342 Datasheet (PDF) - Hittite Microwave Corporation

Part # HMC342
Description  GaAs MMIC LOW NOISE AMPLIFIER, 13 - 25 GHz
File Size   230.76 Kbytes
Html View  1   2   3   4   5   6 
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC342 Datasheet (PDF) - Hittite Microwave Corporation



Similar Part No. - HMC342_10

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC342LC4 HITTITE-HMC342LC4 Datasheet
303Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 13 - 25 GHz
HMC342LC4 HITTITE-HMC342LC4 Datasheet
220Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 13 - 25 GHz
logo
Analog Devices
HMC342LC4 AD-HMC342LC4 Datasheet
340Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER
logo
Hittite Microwave Corpo...
HMC342LC4 HITTITE-HMC342LC4_09 Datasheet
220Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 13 - 25 GHz
HMC342 HITTITE-HMC342_07 Datasheet
222Kb / 6P
GaAs MMIC LOW NOISE AMPLIFIER, 13 - 25 GHz
More results


Similar Description - HMC342_10

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC342 HITTITE-HMC342 Datasheet
187Kb / 6P
GaAs MMIC LOW NOISE AMPLIFIER, 13 - 25 GHz
HMC342LC4 HITTITE-HMC342LC4 Datasheet
303Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 13 - 25 GHz
HMC286 HITTITE-HMC286_06 Datasheet
238Kb / 6P
GaAs MMIC LOW NOISE AMPLIFIER, 2.3 - 2.5 GHz
HMC320MS8G HITTITE-HMC320MS8G_07 Datasheet
261Kb / 6P
GaAs MMIC LOW NOISE AMPLIFIER , 5.0 - 6.0 GHz
HMC342 HITTITE-HMC342_07 Datasheet
222Kb / 6P
GaAs MMIC LOW NOISE AMPLIFIER, 13 - 25 GHz
HMC342LC4 HITTITE-HMC342LC4_09 Datasheet
220Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 13 - 25 GHz
logo
TriQuint Semiconductor
QPA2628D TRIQUINT-QPA2628D Datasheet
1Mb / 14P
25 ??31 GHz GaAs Low Noise Amplifier
logo
Broadcom Corporation.
MGA-86576 BOARDCOM-MGA-86576 Datasheet
121Kb / 6P
1.5?? GHz Low Noise GaAs MMIC Amplifier
logo
Qorvo, Inc
QPA2735 QORVO-QPA2735 Datasheet
1Mb / 15P
13 ??20 GHz GaAs Low Noise Amplifier
QPA2628D QORVO-QPA2628D Datasheet
1,001Kb / 14P
25 ??31 GHz GaAs Low Noise Amplifier
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com