Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TJ3212 Datasheet (PDF) - HTC Korea TAEJIN Technology Co.

Part # TJ3212
Description  DDR VDDQ and VTT Termination Voltage Regulator
File Size   564.39 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

TJ3212 Datasheet (PDF) - HTC Korea TAEJIN Technology Co.



Similar Part No. - TJ3212

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TJ3 VISHAY-TJ3 Datasheet
353Kb / 8P
Inductors Toroid, High Current
18-Apr-06
TJ3 VISHAY-TJ3 Datasheet
112Kb / 8P
Inductors, Toroid, High Current, Radial Leaded
28-Nov-13
TJ3-HT VISHAY-TJ3-HT Datasheet
139Kb / 5P
Toroid, High Current, High Temperature
04-Mar-08
TJ3-HT VISHAY-TJ3-HT Datasheet
149Kb / 5P
Toroid, High Current, High Temperature, Radial Leaded
09-Mar-12
TJ3-HT VISHAY-TJ3-HT Datasheet
149Kb / 5P
Toroid, High Current, High Temperature, Radial Leaded
09-Mar-12
More results


Similar Description - TJ3212

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM3202 CALMIRCO-CM3202 Datasheet
358Kb / 12P
DDR VDDQ and Termination Voltage Regulator
CM3205 CALMIRCO-CM3205 Datasheet
235Kb / 10P
DDR VDDQ and Termination Voltage Regulator
logo
Richtek Technology Corp...
RT9005A RICHTEK-RT9005A Datasheet
208Kb / 10P
DDR VDDQ and Termination Voltage Regulator
RT9210 RICHTEK-RT9210 Datasheet
349Kb / 17P
Dual 5V Synchronous Buck DC-DC PWM Controller for DDR Memory VDDQ and VTT Termination
logo
ON Semiconductor
CM3202-02DE ONSEMI-CM3202-02DE Datasheet
199Kb / 11P
DDR VDDQ and VTT Termination Voltage Regulator
March, 2011 ??Rev. 3
CM3202-00 ONSEMI-CM3202-00 Datasheet
197Kb / 11P
VTT Termination Voltage Regulator
April, 2011 ??Rev. 3
CM3202-02 ONSEMI-CM3202-02 Datasheet
199Kb / 11P
VTT Termination Voltage Regulator
March, 2011 ??Rev. 3
CM3212 ONSEMI-CM3212 Datasheet
200Kb / 11P
VTT Termination Voltage Regulator
March, 2011 ??Rev. 3
logo
Linear Technology
LTM4632EV LINER-LTM4632EV Datasheet
515Kb / 8P
Ultrathin 關Module Regulator for DDR-QDR4 Memory VDDQ, VTT and VREF
logo
Monolithic Power System...
EV20073DH-00A MPS-EV20073DH-00A Datasheet
150Kb / 4P
2A, 1.30V ??6.0V DDR Memory VTT Termination Regulator
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com