Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC446 Datasheet (PDF) - Hittite Microwave Corporation

Part # HMC446
Description  GaAs MMIC 10W T/R SWITCH, 824 - 894 MHz*
File Size   177.11 Kbytes
Html View  1   2   3   4   5   6 
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC446 Datasheet (PDF) - Hittite Microwave Corporation



Similar Part No. - HMC446

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC446 HITTITE-HMC446 Datasheet
162Kb / 6P
GaAs MMIC 10W T/R SWITCH, 824 - 894 MHz
HMC446 HITTITE-HMC446 Datasheet
236Kb / 6P
GaAs MMIC 10W T/R SWITCH, 824 - 894 MHz*
HMC446 HITTITE-HMC446_06 Datasheet
236Kb / 6P
GaAs MMIC 10W T/R SWITCH, 824 - 894 MHz*
More results


Similar Description - HMC446

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC174MS8 HITTITE-HMC174MS8 Datasheet
181Kb / 6P
GaAs MMIC T/R SWITCH DC - 3 GHz
HMC446 HITTITE-HMC446 Datasheet
162Kb / 6P
GaAs MMIC 10W T/R SWITCH, 824 - 894 MHz
HMC546MS8G HITTITE-HMC546MS8G Datasheet
571Kb / 12P
GaAs MMIC 10W T/R SWITCH 0.2 - 2.2 GHz
HMC544 HITTITE-HMC544 Datasheet
263Kb / 6P
GaAs MMIC T/R SWITCH, DC - 4.0 GHz
HMC224MS8 HITTITE-HMC224MS8_06 Datasheet
228Kb / 6P
GaAs MMIC T/R SWITCH 5.0 - 6.0 GHz
HMC446 HITTITE-HMC446_06 Datasheet
236Kb / 6P
GaAs MMIC 10W T/R SWITCH, 824 - 894 MHz*
HMC223MS8 HITTITE-HMC223MS8_00 Datasheet
116Kb / 4P
GaAs MMIC T/R SWITCH 4.5 - 6.0 GHz
HMC544 HITTITE-HMC544_08 Datasheet
195Kb / 6P
GaAs MMIC T/R SWITCH, DC - 4 GHz
HMC224MS8 HITTITE-HMC224MS8_10 Datasheet
154Kb / 4P
GaAs MMIC T/R SWITCH 5 - 6 GHz
logo
API Technologies Corp
CMD343 APITECH-CMD343 Datasheet
131Kb / 2P
E AMPS Duplexer 824 ??894 MHz
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com