Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC684LP4 Datasheet (PDF) - Hittite Microwave Corporation

Part # HMC684LP4
Description  BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 700 - 1000 MHz
File Size   605.52 Kbytes
Html View  1   2   3   4   5   6   7   8 
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC684LP4 Datasheet (PDF) - Hittite Microwave Corporation



Similar Part No. - HMC684LP4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC684LP4 HITTITE-HMC684LP4 Datasheet
305Kb / 8P
BiCMOS MMIC MIXER W/ INTEGRATED BiCMOS MMIC MIXER W/ INTEGRATED
HMC684LP4E HITTITE-HMC684LP4E Datasheet
305Kb / 8P
BiCMOS MMIC MIXER W/ INTEGRATED BiCMOS MMIC MIXER W/ INTEGRATED
More results


Similar Description - HMC684LP4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC786LP4E HITTITE-HMC786LP4E Datasheet
393Kb / 10P
BiCMOS MIXER W/ INTEGRATED LO AMPLIFIER, 700 - 1100 MHz
HMC684LP4 HITTITE-HMC684LP4 Datasheet
305Kb / 8P
BiCMOS MMIC MIXER W/ INTEGRATED BiCMOS MMIC MIXER W/ INTEGRATED
HMC685LP4 HITTITE-HMC685LP4 Datasheet
371Kb / 10P
BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 1.7 - 2.2 GHz
HMC687LP4 HITTITE-HMC687LP4 Datasheet
367Kb / 10P
BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 1.7 - 2.2 GHz
HMC689LP4 HITTITE-HMC689LP4 Datasheet
302Kb / 8P
BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 2.0 - 2.7 GHz
HMC685LP4 HITTITE-HMC685LP4_10 Datasheet
743Kb / 10P
BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 1.7 - 2.2 GHz
HMC686LP4 HITTITE-HMC686LP4 Datasheet
1Mb / 18P
BiCMOS MIXER W/ INTEGRATED LO AMPLIFIER, 700 - 1500 MHz
HMC687LP4 HITTITE-HMC687LP4_10 Datasheet
731Kb / 10P
BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 1.7 - 2.2 GHz
HMC688LP4 HITTITE-HMC688LP4 Datasheet
870Kb / 8P
BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 2.0 - 2.7 GHz
HMC786LP4E HITTITE-HMC786LP4E_10 Datasheet
770Kb / 10P
BiCMOS MIXER W/ INTEGRATED LO AMPLIFIER, 700 - 1100 MHz
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com